Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 6 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 6 Page - Protek Devices

Back Button PA5331 Datasheet HTML 2Page - Protek Devices PA5331 Datasheet HTML 3Page - Protek Devices PA5331 Datasheet HTML 4Page - Protek Devices PA5331 Datasheet HTML 5Page - Protek Devices PA5331 Datasheet HTML 6Page - Protek Devices PA5331 Datasheet HTML 7Page - Protek Devices PA5331 Datasheet HTML 8Page - Protek Devices PA5331 Datasheet HTML 9Page - Protek Devices PA5331 Datasheet HTML 10Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Serial Audio Port Timing
SERIAL CONTROL PORT SWITCHING SPECIFICATIONS
PARAMETER
Symbol
MIN
MAX
UNIT
SPI Mode
SPI_CLK clock frequency
10
MHz
SPI_CLK edge to SPI_CSn falling
TSPICS
5
ns
SPI_CSn High Time Between transmissions
TSPISH
500
ns
SPI_CSn falling to SPI_CLK edge
TSPISC
10
ns
SPI_CLK low time
TSPICL
45
ns
SPI_CLK high time
TSPICH
45
ns
SPI_DIN to SPI_CLK rising setup time
TSPIDS
10
ns
SPI_CLK rising to DATA hold time
TSPIDH
15
ns
2-wire Mode
SCL Clock Frequency
FSCL
100
KHz
Bus Free Time Between Transmissions
TTWID
4.7
us
Start Condition Hold Time
TTWSTH
4.0
us
Clock Low time
TTWCL
4.0
us
Clock High Time
TTWCH
4.0
us
Setup Time for Repeated Start Condition
TTWSTS
4.7
us
SDA Hold Time from SCL Falling
TTWDH
0.1
us
SDA Setup time to SCL Rising
TTWDS
100
ns
Rise Time of SCL
TTWR
25
us
Fall Time SCL
TTWF
25
ns
LRCK
Input
SLCK
Input
SDOUT
SDIN
tslr
tsdo
tsclkh
tsclkw
tsdis
tsdih
tsclkl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com