Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 19 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 19 Page - Protek Devices

Back Button PA5331 Datasheet HTML 15Page - Protek Devices PA5331 Datasheet HTML 16Page - Protek Devices PA5331 Datasheet HTML 17Page - Protek Devices PA5331 Datasheet HTML 18Page - Protek Devices PA5331 Datasheet HTML 19Page - Protek Devices PA5331 Datasheet HTML 20Page - Protek Devices PA5331 Datasheet HTML 21Page - Protek Devices PA5331 Datasheet HTML 22Page - Protek Devices PA5331 Datasheet HTML 23Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
1
– double speed mode
DACFsRatio
4:0
Master mode DAC MCLK to sampling frequency ratio
00000
— 128;
00001
— 192;
00010
— 256;
00011
— 384;
00100
— 512;
00101
— 576;
00110
— 768; (default)
00111
— 1024;
01000
— 1152;
01001
— 1408;
01010
— 1536;
01011
— 2112;
01100
— 2304;
10000
— 125;
10001
— 136;
10010
— 250;
10011
— 272;
10100
— 375;
10101
— 500;
10110
— 544;
10111
— 750;
11000
— 1000;
11001
— 1088;
11010
— 1496;
11011
— 1500;
Other
— Reserved.
Register 25
– DAC Control 3, Default 0011 0010
Bit Name
Bit
Description
DACRampRate
7:6
00
– 0.5 dB per 4 LRCK digital volume control ramp rate (default)
01
– 0.5 dB per 32 LRCK digital volume control ramp rate
10
– 0.5 dB per 64 LRCK digital volume control ramp rate
11
– 0.5 dB per 128 LRCK digital volume control ramp rate
DACSoftRamp
5
0
– disabled digital volume control soft ramp
1
– enabled digital volume control soft ramp (default)
DACZeroCrs
4
0
– disabled digital volume control change at zero cross
1
– enabled digital volume control change at zero cross (default)
DACLeR
3
0
– normal (default)
1
– both channel gain control is set by DAC left gain control register
DACMute
2
0
– normal (default)
1
– mute analog outputs for both channels
AutoMute
1
0
– disable
1
– enable (default)
Register 26
– DAC Control 4, Default 1100 0000
Bit Name
Bit
Description
LDACVOL
7:0
Digital volume control attenuates the signal in 0.5 dB incremental from 0 to
–96 dB.
00000000
– 0 dB
00000001
– -0.5 dB
00000010
– -1 dB
…
11000000
– -96 dB (default)
Register 27
– DAC Control 5, Default 1100 0000
Bit Name
Bit
Description
RDACVOL
7:0
Digital volume control attenuates the signal in 0.5 dB incremental from 0 to
–96 dB.
00000000
– 0 dB
00000001
– -0.5 dB
00000010
– -1 dB
…
11000000
– -96 dB (default)
Register 28
– DAC Control 6, Default 0000 1000
Bit Name
Bit
Description
DeemphasisMode
(DEEMP)
7:6
00
– de-emphasis frequency disabled (default)
01
– 32 KHz de-emphasis frequency in single speed mode
10
– 44.1 KHz de-emphasis frequency in single speed mode
11
– 48 KHz de-emphasis frequency in single speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com