Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 20 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 20 Page - Protek Devices

Back Button PA5331 Datasheet HTML 16Page - Protek Devices PA5331 Datasheet HTML 17Page - Protek Devices PA5331 Datasheet HTML 18Page - Protek Devices PA5331 Datasheet HTML 19Page - Protek Devices PA5331 Datasheet HTML 20Page - Protek Devices PA5331 Datasheet HTML 21Page - Protek Devices PA5331 Datasheet HTML 22Page - Protek Devices PA5331 Datasheet HTML 23Page - Protek Devices PA5331 Datasheet HTML 24Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
DAC_invL
5
0
– normal DAC left channel analog output no phase inversion (default)
1
– normal DAC left channel analog output 180 degree phase inversion
DAC_invR
4
0
– normal DAC right channel analog output no phase inversion (default)
1
– normal DAC right analog output 180 degree phase inversion
ClickFree
3
0
– disable digital click free power up and down
1
– enable digital click free power up and down (default)
Register 29
– DAC Control 7, Default 0000 0110
Bit Name
Bit
Description
ZeroL
7
0
– normal (default)
1
– set Left Channel DAC output all zero
ZeroR
6
0
– normal (default)
1
– set Right Channel DAC output all zero
Mono
5
0
– stereo (default)
1
– mono (L+R)/2 into DACL and DACR
SE
4:2
SE strength, total 8 settings, L=L+(L-R)*a, R=R+(R-L)*a, where a is from 0 to 7/8
000
– 0 (default)
……
111
– 7/8
Vpp_scale
1:0
00
– Vpp set at 3.5V (0.7 modulation index) (default)
01
– Vpp set at 4.0V
10
– Vpp set at 3.0V
11
– Vpp set at 2.5V
Register 30
– DAC Control 8, Default 0001 1111
Bit Name
Bit
Description
Shelving_a[29:24]
5:0
30-bit a coefficient for shelving filter
Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
Register 31
– DAC Control 9, Default 1111 0111
Bit Name
Bit
Description
Shelving_a[23:16]
7:0
30-bit a coefficient for shelving filter
Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
Register 32
– DAC Control 10, Default 1111 1101
Bit Name
Bit
Description
Shelving_a[15:8]
7:0
30-bit a coefficient for shelving filter
Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
Register 33
– DAC Control 11, Default 1111 1111
Bit Name
Bit
Description
Shelving_a[7:0]
7:0
30-bit a coefficient for shelving filter
Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
Register 34
– DAC Control 12, Default 0001 1111
Bit Name
Bit
Description
Shelving_b[29:24]
5:0
30-bit a coefficient for shelving filter
Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
Register 35
– DAC Control 13, Default 1111 0111
Bit Name
Bit
Description
Shelving_b[23:16]
7:0
30-bit a coefficient for shelving filter
Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com