Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 14 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 14 Page - Protek Devices

Back Button PA5331 Datasheet HTML 10Page - Protek Devices PA5331 Datasheet HTML 11Page - Protek Devices PA5331 Datasheet HTML 12Page - Protek Devices PA5331 Datasheet HTML 13Page - Protek Devices PA5331 Datasheet HTML 14Page - Protek Devices PA5331 Datasheet HTML 15Page - Protek Devices PA5331 Datasheet HTML 16Page - Protek Devices PA5331 Datasheet HTML 17Page - Protek Devices PA5331 Datasheet HTML 18Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
LPPGA
7
0
– normal (default)
1
– low power
LPLMIX
6
0
– normal (default)
1
– low power
LPRMIX
5
0
– normal (default)
1
– low power
LPMMIX
4
0
– normal (default)
1
– low power
LPMOUTINV
3
0
– normal (default)
1
– low power
LPOUT2INV
2
0
– normal (default)
1
– low power
LPADCvrp
1
0
– normal (default)
1
– low power
LPDACvrp
0
0
– normal (default)
1
– low power
Register 7
– Analog Voltage Management, Default 0111 1100
Bit Name
Bit
Description
VSEL
6:0
1111100
– normal (default)
Register 8
– Master Mode Control, Default 1000 0000
Bit Name
Bit
Description
MSC
7
0
– slave serial port mode
1
– master serial port mode (default)
MCLKDIV2
6
0
– MCLK not divide (default)
1
– MCLK divide by 2
BCLK_INV
5
0
– normal (default)
1
– BCLK inverted
BCLKDIV
4:0
00000
– master mode BCLK generated automatically based on the clock table (default)
Others
– MCLK/N, N=1~31
ADC CONTROL
Register 9
– ADC Control 1, Default 0000 0000
Bit Name
Bit
Description
MicAmpL
7:4
Left channel PGA gain
0000
– 0 dB (default)
0001
– +3 dB
0010
– +6 dB
0011
– +9 dB
0100
– +12 dB
0101
– +15 dB
0110
– +18 dB
0111
– +21 dB
1000
– +24 dB
MicAmpR
3:0
Right channel PGA gain
0000
– 0dB (default)
0001
– +3 dB
0010
– +6 dB
0011
– +9 dB
0100
– +12 dB
0101
– +15 dB
0110
– +18 dB
0111
– +21 dB
1000
– +24 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com