Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 1 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 1 Page - Protek Devices

  PA5331 Datasheet HTML 1Page - Protek Devices PA5331 Datasheet HTML 2Page - Protek Devices PA5331 Datasheet HTML 3Page - Protek Devices PA5331 Datasheet HTML 4Page - Protek Devices PA5331 Datasheet HTML 5Page - Protek Devices PA5331 Datasheet HTML 6Page - Protek Devices PA5331 Datasheet HTML 7Page - Protek Devices PA5331 Datasheet HTML 8Page - Protek Devices PA5331 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
FEATURES
ADC
24-bit, 8 kHz to 96 kHz sampling frequency
95 dB dynamic range, 95 dB signal to noise ratio, -85 dB
THD+N
Stereo or mono microphone interface with microphone
amplifier
Auto level control and noise gate
3-to-1 analog input selection
Various analog input mixing and gains
DAC
24-bit, 8 kHz to 96 kHz sampling frequency
96 dB dynamic range, 96 dB signal to noise ratio, -83 dB
THD+N
40 mW headphone amplifier, pop noise free
Stereo enhancement
Bass and Treble
Various analog output mixing and gains
LOW POWER
1.8V to 3.3V operation
7 mW playback; 16 mW playback and record
SYSTEM
I
2C or SPI µC interface
256Fs, 384Fs, USB 12 MHz or 24 MHz
Master or slave serial port
I
2S, Left Justified, DSP/PCM Mode
APPLICATIONS
GPS
Bluetooth
MP3, MP4, PMP
Cell phone
Digital camera, camcorder
Portable audio devices
GENERAL DESCRIPTION
The PA5331 is a high performance, low power and low cost
audio CODEC. It consists of 2-ch ADC, 2-ch DAC,
microphone amplifier, headphone amplifier, digital sound
effects, and analog mixing and gain functions.
The PA5331 uses advanced multi-bit delta-sigma modulation
technique to convert data between digital and analog.
The multi-bit delta-sigma modulators make the device with low
sensitivity to clock jitter and low out of band noise.
BLOCK DIAGRAM
ORDERING INFORMATION
Temperature Range
Package
Part Number
-40 to 85 °C
QFN-28
PA5331-T7
MIC
AMP
LIN
LIN1
LIN2
LIN1
LIN2
Stereo
Enhanced
ALC
ADC
DAC
DACL
LIN1-RIN1
RIN
RIN1
DACR
LIN1-RIN1
mixL
mixR
mixL
mixR
LOUT1
ROUT1
mixL
+/-mixR
LOUT2
ROUT2
Clock Manager
µC Interface
Serial Audio Data
+
LIN
RIN
DACL
DACR
+
LIN
RIN
DACL
DACR
MIC
AMP
micL
micR
RIN1
micL+micR
micL+micR


Similar Part No. - PA5331

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5300.121HLT PULSE-PA5300.121HLT Datasheet
1Mb / 4P
SMT Power Inductors
PA5300.221HLT PULSE-PA5300.221HLT Datasheet
1Mb / 4P
SMT Power Inductors
PA5300.XXXHLT PULSE-PA5300.XXXHLT Datasheet
1Mb / 4P
SMT Power Inductors
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - PA5331

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3793 BURR-BROWN-PCM3793 Datasheet
959Kb / 63P
16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793A BURR-BROWN-PCM3793A Datasheet
1Mb / 68P
16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU8820 NUVOTON-NAU8820 Datasheet
1Mb / 23P
Low Power 24-bit Stereo Audio Codec with High Current Outputs
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com