Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 24 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 24 Page - Protek Devices

Back Button PA5331 Datasheet HTML 19Page - Protek Devices PA5331 Datasheet HTML 20Page - Protek Devices PA5331 Datasheet HTML 21Page - Protek Devices PA5331 Datasheet HTML 22Page - Protek Devices PA5331 Datasheet HTML 23Page - Protek Devices PA5331 Datasheet HTML 24Page - Protek Devices PA5331 Datasheet HTML 25Page - Protek Devices PA5331 Datasheet HTML 26Page - Protek Devices PA5331 Datasheet HTML 27Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
hpOut3_ref1
3
Reserved
hpOut3_ref2
2
Reserved
hpMono_ref1
1
Reserved
hpMono_ref2
0
Reserved
Register 52
– DAC Control 30, Default 0000 0000
Bit Name
Bit
Description
spkLout2_ref1
7
Reserved
spkLout2_ref2
6
Reserved
spkRout2_ref1
5
Reserved
spkRout2_ref2
4
Reserved
mixer_ref1
3
Reserved
mixer_ref2
2
Reserved
MREF1
1
Reserved
MREF2
0
Reserved
DIGITAL AUDIO INTERFACE
The PA5331 provides four formats of serial audio data interface to the input of the DAC or output from the ADC through LRCK, SCLK
and SDIN/SDOUT pins. The four formats are I
2S, left justified, right justified and DSP/PCM mode. DAC input DSDIN is sampled by
PA5331 on the rising edge of DSCLK. ADC data is out on ASDOUT and changes on the falling edge of ASCLK. The relationship of
SDATA (SDIN/SDOUT), SCLK and LRCK with the three formats is shown through Figure 3 to Figure 7.
n- 2 n- 1 n
3
2
1
1 SCLK
MSB
LSB
LEFT CHANNEL
n- 2 n- 1 n
3
2
1
1 SCLK
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Figure 3 I
2S Serial Audio Data Format Up To 24-bit
n- 2 n- 1 n
3
2
1
MSB
LSB
LEFT CHANNEL
n- 2 n- 1 n
3
2
1
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Figure 4 Left Justified Serial Audio Data Format Up To 24-bit
n- 2 n- 1 n
3
2
1
MSB
LSB
LEFT CHANNEL
n- 2 n- 1 n
3
2
1
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Figure 5 Right Justified Serial Audio Data Format Up To 24-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com