Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 8 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 8 Page - Protek Devices

Back Button PA5331 Datasheet HTML 4Page - Protek Devices PA5331 Datasheet HTML 5Page - Protek Devices PA5331 Datasheet HTML 6Page - Protek Devices PA5331 Datasheet HTML 7Page - Protek Devices PA5331 Datasheet HTML 8Page - Protek Devices PA5331 Datasheet HTML 9Page - Protek Devices PA5331 Datasheet HTML 10Page - Protek Devices PA5331 Datasheet HTML 11Page - Protek Devices PA5331 Datasheet HTML 12Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
MCLK
CLKDIV2=0
MCLK
CLKDIV2=1
ADC Sample Rate
(ALRCK)
ADCFsRatio
[4:0]
DAC Sample Rate
(DLRCK)
DACFsRatio
[4:0]
SCLK
Ratio
Normal Mode
12.288 MHz
24.576MHz
8 kHz (MCLK/1536)
01010
8 kHz (MCLK/1536)
01010
MCLK/6
8 kHz (MCLK/1536)
01010
48 kHz (MCLK/256)
00010
MCLK/4
12 kHz (MCLK/1024)
00111
12 kHz (MCLK/1024)
00111
MCLK/4
16 kHz (MCLK/768)
00110
16 kHz (MCLK/768)
00110
MCLK/6
24 kHz (MCLK/512)
00100
24 kHz (MCLK/512)
00100
MCLK/4
32 kHz (MCLK/384)
00011
32 kHz (MCLK/384)
00011
MCLK/6
48 kHz (MCLK/256)
00010
8 kHz (MCLK/1536)
01010
MCLK/4
48 kHz (MCLK/256)
00010
48 kHz (MCLK/256)
00010
MCLK/4
96 kHz (MCLK/128)
00000
96 kHz (MCLK/128)
00000
MCLK/2
11.2896 MHz 22.5792MHz
8.0182 kHz
(MCLK/1408)
01001
8.0182 kHz
(MCLK/1408)
01001
MCLK/4
8.0182 kHz
(MCLK/1408)
01001
44.1 kHz (MCLK/256)
00010
MCLK/4
11.025 kHz
(MCLK/1024)
00111
11.025 kHz
(MCLK/1024)
00111
MCLK/4
22.05 kHz (MCLK/512)
00100
22.05 kHz (MCLK/512)
00100
MCLK/4
44.1 kHz (MCLK/256)
00010
8.0182 kHz
(MCLK/1408)
01001
MCLK/4
44.1 kHz (MCLK/256)
00010
44.1 kHz (MCLK/256)
00010
MCLK/4
88.2 kHz (MCLK/128)
00000
88.2 kHz (MCLK/128)
00000
MCLK/2
18.432 MHz
36.864MHz
8 kHz (MCLK/2304)
01100
8 kHz (MCLK/2304)
01100
MCLK/6
8 kHz (MCLK/2304)
01100
48 kHz (MCLK/384)
00011
MCLK/6
12 kHz (MCLK/1536)
01010
12 kHz (MCLK/1536)
01010
MCLK/6
16 kHz (MCLK/1152)
01000
16 kHz (MCLK/1152)
01000
MCLK/6
24 kHz (MCLK/768)
00110
24 kHz (MCLK/768)
00110
MCLK/6
32 kHz (MCLK/576)
00101
32 kHz (MCLK/576)
00101
MCLK/6
48 kHz (MCLK/384)
00011
8 kHz (MCLK/2304)
01100
MCLK/6
48 kHz (MCLK/384)
00011
48 kHz (MCLK/384)
00011
MCLK/6
96 kHz (MCLK/192)
00001
96 kHz (MCLK/192)
00001
MCLK/3
16.9344 MHz 33.8688MHz
8.0182 kHz
(MCLK/2112)
01011
8.0182 kHz
(MCLK/2112)
01011
MCLK/6
8.0182 kHz
(MCLK/2112)
01011
44.1 kHz (MCLK/384)
00011
MCLK/6
11.025 kHz
(MCLK/1536)
01010
11.025 kHz
(MCLK/1536)
01010
MCLK/6
22.05 kHz (MCLK/768)
00110
22.05 kHz (MCLK/768)
00110
MCLK/6
44.1 kHz (MCLK/384)
00011
8.0182 kHz
(MCLK/2112)
01011
MCLK/6
44.1 kHz (MCLK/384)
00011
44.1 kHz (MCLK/384)
00011
MCLK/6
88.2 kHz (MCLK/192)
00001
88.2 kHz (MCLK/192)
00001
MCLK/3
USB Mode
12 MHz
24MHz
8 kHz (MCLK/1500)
11011
8 kHz (MCLK/1500)
11011
MCLK
8 kHz (MCLK/1500)
11011
48 kHz (MCLK/250)
10010
MCLK
8.0214 kHz
(MCLK/1496)
11010
8.0214 kHz
(MCLK/1496)
11010
MCLK
8.0214 kHz
(MCLK/1496)
11010
44.118 kHz (MCLK/272)
10011
MCLK
11.0259 kHz
(MCLK/1088)
11001
11.0259 kHz
(MCLK/1088)
11001
MCLK
12 kHz (MCLK/1000)
11000
12 kHz (MCLK/1000)
11000
MCLK
16 kHz (MCLK/750)
10111
16 kHz (MCLK/750)
10111
MCLK
22.0588 kHz
(MCLK/544)
10110
22.0588 kHz
(MCLK/544)
10110
MCLK
24 kHz (MCLK/500)
10101
24 kHz (MCLK/500)
10101
MCLK
32 kHz (MCLK/375)
10100*
32 kHz (MCLK/375)
10100*
MCLK
44.118 kHz (MCLK/272)
10011
8.0214 kHz
(MCLK/1496)
11010
MCLK
44.118 kHz (MCLK/272)
10011
44.118 kHz (MCLK/272)
10011
MCLK
48 kHz (MCLK/250)
10010
8 kHz (MCLK/1500)
11011
MCLK
48 kHz (MCLK/250)
10010
48 kHz (MCLK/250)
10010
MCLK
88.235 kHz (MCLK/136)
10001
88.235 kHz (MCLK/136)
10001
MCLK
96 kHz (MCLK/125)
10000
96 kHz (MCLK/125)
10000
MCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com