Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 3 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 3 Page - Protek Devices

  PA5331 Datasheet HTML 1Page - Protek Devices PA5331 Datasheet HTML 2Page - Protek Devices PA5331 Datasheet HTML 3Page - Protek Devices PA5331 Datasheet HTML 4Page - Protek Devices PA5331 Datasheet HTML 5Page - Protek Devices PA5331 Datasheet HTML 6Page - Protek Devices PA5331 Datasheet HTML 7Page - Protek Devices PA5331 Datasheet HTML 8Page - Protek Devices PA5331 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
28-PIN QFN, 28-PIN SSOP PIN DESCRIPTIONS
The PA5331 is pin compatible to WM8731 except the yellow highlighted pins in the following table.
QFN
PIN
SSOP
PIN
NAME
I/O
DESCRIPTION
1
25
MCLK
I
Master clock
2
26
NC
No connect
3
27
DVDD
Supply
Digital core supply
4
28
DGND
Supply
Digital ground (return path for both DVDD and PVDD)
5
1
PVDD
Supply
Digital IO supply
6
2
NC
No connect
7
3
SCLK
I/O
Audio data bit clock
8
4
DSDIN
I
DAC audio data
9
5
DLRCK
I/O
DAC audio data left and right clock
10
6
ASDOUT
O
ADC audio data
11
7
ALRCK
I/O
ADC audio data left and right clock
12
8
HPVDD
Supply
Supply for analog output drivers (LOUT1/2, ROUT1/2)
13
9
LOUT2
O
Left output 2 (line or headphone)
14
10
ROUT2
O
Right output 2 (line or headphone)
15
11
HPGND
Supply
Ground for analog output drivers (LOUT1/2, ROUT1/2)
16
12
LOUT1
O
Left output 1 (line or headphone)
17
13
ROUT1
O
Right output 1 (line or headphone)
18
14
AVDD
Supply
Analog supply
19
15
AGND
Supply
Analog ground
20
16
VMID
O
Decoupling capacitor
21
17
MICBIAS
O
Microphone bias
22
18
LIN2
I
Left channel input 2
23
19
RIN1
I
Right channel input 1
24
20
LIN1
I
Left channel input 1
25
21
VREF
0
Decoupling capacitor
26
22
CE
I
Control select or device address selection
27
23
CDATA
I/O
Control data input or output
28
24
CCLK
I
Control clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com