Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 17 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 17 Page - Protek Devices

Back Button PA5331 Datasheet HTML 13Page - Protek Devices PA5331 Datasheet HTML 14Page - Protek Devices PA5331 Datasheet HTML 15Page - Protek Devices PA5331 Datasheet HTML 16Page - Protek Devices PA5331 Datasheet HTML 17Page - Protek Devices PA5331 Datasheet HTML 18Page - Protek Devices PA5331 Datasheet HTML 19Page - Protek Devices PA5331 Datasheet HTML 20Page - Protek Devices PA5331 Datasheet HTML 21Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Register 18
– ADC Control 10, Default 0011 1000
Bit Name
Bit
Description
ALCSEL
7:6
00
– ALC off
01
– ALC right channel only
10
– ALC left channel only
11
– ALC stereo
MAXGAIN
5:3
Set maximum gain of PGA
000
– -6.5 dB
001
– -0.5 dB
010
– 5.5 dB
011
– 11.5 dB
100
– 17.5 dB
101
– 23.5 dB
110
– 29.5 dB
111
– 35.5 dB
MINGAIN
2:0
Set minimum gain of PGA
000
– -12 dB
001
– -6 dB
010
– 0 dB
011
– +6 dB
100
– +12 dB
101
– +18 dB
110
– +24 dB
111
– +30 dB
Register 19
– ADC Control 11, Default 1011 0000
Bit Name
Bit
Description
ALCLVL
7:4
ALC target
0000
– –22.5dBFS
0001
– –21.0dBFS
……
1100
– –4.5dBFS
1101
– –3dBFS
1110
– –1.5dBFS
1111
– –1.5dBFS
ALCHLD
3:0
ALC hold time before gain is increased
0000
– 0ms
0001
– 2.67ms
0010
– 5.33ms
…… (time doubles with every step)
1001
– 0.68s
1010 or higher
– 1.36s
Register 20
– ADC Control 12, Default 0011 0010
Bit Name
Bit
Description
ALCDCY
7:4
ALC decay (gain ramp up) time, ALC mode/limiter mode:
0000
– 410 us/90.8 us
0001
– 820 us/182us
0010
– 1.64 ms/363us
…… (time doubles with every step)
1001
– 210 ms/46.5 ms
1010 or higher
– 420 ms/93 ms
ALCATK
3:0
ALC attack (gain ramp down) time, ALC mode/limiter mode:
0000
– 104 us/22.7 us
0001
– 208 us/45.4 us
0010
– 416 us/90.8 us
…… (time doubles with very step)
1001
– 53.2 ms/11.6 ms
1010 or higher
– 106 ms/23.2 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com