Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 12 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 12 Page - Protek Devices

Back Button PA5331 Datasheet HTML 8Page - Protek Devices PA5331 Datasheet HTML 9Page - Protek Devices PA5331 Datasheet HTML 10Page - Protek Devices PA5331 Datasheet HTML 11Page - Protek Devices PA5331 Datasheet HTML 12Page - Protek Devices PA5331 Datasheet HTML 13Page - Protek Devices PA5331 Datasheet HTML 14Page - Protek Devices PA5331 Datasheet HTML 15Page - Protek Devices PA5331 Datasheet HTML 16Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
CHIP CONTROL AND POWER MANAGEMENT
Register 0
– Chip Control 1, Default 0000 0110
Bit Name
Bit
Description
SCPReset
7
0
– normal (default)
1
– reset control port register to default
LRCM
6
0
– ALRCK disabled when both ADC disabled; DLRCK disabled when both DAC disabled (default)
1
– ALRCK and DLRCK disabled when all ADC and DAC disabled
DACMCLK
5
0
– when SameFs=1, ADCMCLK is the chip master clock source (default)
1
– when SameFs=1, DACMCLK is the chip master clock source
SameFs
4
0
– ADC Fs differs from DAC Fs (default)
1
– ADC Fs is the same as DAC Fs
SeqEn
3
0
– internal power up/down sequence disable (default)
1
– internal power up/down sequence enable
EnRef
2
0
– disable reference
1
– enable reference (default)
VMIDSEL
1:0
00
– Vmid disabled
01
– 50 k divider enabled
10
– 500 k divider enabled (default)
11
– 5 k divider enabled
Register 1
– Chip Control 2, Default 0001 1100
Bit Name
Bit
Description
TSDEN
7
0
– thermal shutdown disabled (default)
1
– thermal shutdown enabled
PdnOC
6
0
– over current shutdown disabled (default)
1
– over current shutdown enabled
LPVcmMod
5
0
– normal (default)
1
– low power
LPVrefBuf
4
0
– normal
1
– low power (default)
PdnAna
3
0
– normal
1
– entire analog power down (default)
PdnIbiasgen
2
0
– normal
1
– ibiasgen power down (default)
VrefLo
1
0
– normal (default)
1
– low power
PdnVrefbuf
0
0
– normal (default)
1
– power down
Register 2
– Chip Power Management, Default 1100 0011
Bit Name
Bit
Description
adc_DigPDN
7
0
– normal
1
– resets ADC DEM, filter and serial data port (default)
dac_DigPDN
6
0
– normal
1
– resets DAC DSM, DEM, filter and serial data port (default)
adc_stm_rst
5
0
– normal (default)
1
– reset ADC state machine to power down state
dac_stm_rst
4
0
– normal (default)
1
– reset DAC state machine to power down state
ADCDLL_PDN
3
0
– normal (default)
1
– ADC_DLL power down, stop ADC clock
DACDLL_PDN
2
0
– normal (default)
1
– DAC DLL power down, stop DAC clock
adcVref_PDN
1
0
– ADC analog reference power up
1
– ADC analog reference power down (default)
dacVref_PDN
0
0
– DAC analog reference power up
1
– DAC analog reference power down (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com