Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 22 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 22 Page - Protek Devices

Back Button PA5331 Datasheet HTML 18Page - Protek Devices PA5331 Datasheet HTML 19Page - Protek Devices PA5331 Datasheet HTML 20Page - Protek Devices PA5331 Datasheet HTML 21Page - Protek Devices PA5331 Datasheet HTML 22Page - Protek Devices PA5331 Datasheet HTML 23Page - Protek Devices PA5331 Datasheet HTML 24Page - Protek Devices PA5331 Datasheet HTML 25Page - Protek Devices PA5331 Datasheet HTML 26Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
LI2RO
6
0
– LIN signal to right mixer disable (default)
1
– LIN signal to right mixer enable
LI2ROVOL
5:3
LIN signal to right mixer gain
000
– 6 dB
001
– 3 dB
010
– 0 dB
011
– -3 dB
100
– -6 dB
101
– -9 dB
110
– -12 dB
111
– -15 dB (default)
Register 42
– DAC Control 20, Default 0011 1000
Bit Name
Bit
Description
RD2RO
7
0
– right DAC to right mixer disable (default)
1
– right DAC to right mixer enable
RI2RO
6
0
– RIN signal to right mixer disable (default)
1
– RIN signal to right mixer enable
RI2ROVOL
5:3
RIN signal to right mixer gain
000
– 6 dB
001
– 3 dB
010
– 0 dB
011
– -3 dB
100
– -6 dB
101
– -9 dB
110
– -12 dB
111
– -15 dB (default)
Register 43
– DAC Control 21, Default 0011 1000
Bit Name
Bit
Description
LD2MO
7
0
– reserved (default)
1
– reserved
LI2MO
6
0
– reserved (default)
1
– reserved
LI2MOVOL
5:3
reserved
Register 44
– DAC Control 22, Default 0011 1000
Bit Name
Bit
Description
RD2MO
7
0
– reserved (default)
1
– reserved
RI2MO
6
0
– reserved (default)
1
– reserved
RI2MOVOL
5:3
reserved
Register 45
– DAC Control 23, Default 0000 0000
Bit Name
Bit
Description
ROUT1INV
7
0
– ROUT1 no inversion (default)
1
– ROUT1 signal inverted
OUT3SW
6:5
Reserved
VROI
4
0
– 1.5k VREF to analog output resistance (default)
1
– 40k VREF to analog output resistance
HPSWEN
3
0
– headphone switch disabled (default)
1
– headphone switch enabled
HPSWPOL
2
0
– HPDETECT high=headphone (default)
1
– HPDETECT high=speaker
MOUTINV
1
0
– reserved (default)
1
– reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com