Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 10 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 10 Page - Protek Devices

Back Button PA5331 Datasheet HTML 6Page - Protek Devices PA5331 Datasheet HTML 7Page - Protek Devices PA5331 Datasheet HTML 8Page - Protek Devices PA5331 Datasheet HTML 9Page - Protek Devices PA5331 Datasheet HTML 10Page - Protek Devices PA5331 Datasheet HTML 11Page - Protek Devices PA5331 Datasheet HTML 12Page - Protek Devices PA5331 Datasheet HTML 13Page - Protek Devices PA5331 Datasheet HTML 14Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
In 2-
wire interface mode, the registers can be written and read. The formats of ―write‖ and ―read‖ instructions are shown in Table 3
and Table 4. Please note that, to read data from a register, you must set R/W bit to 0 to access the register address and then set R/W
to 1 to read data from the register. There are no acknowledge bit after data to be written or read, this is the only difference from the
I
2C protocol.
Table 3 Write Data to Register in 2-wire Interface Mode
Chip Address
R/W
Register Address
Data to be written
001000
AD0
0
ACK
RAM
ACK
DATA
Table 4 Read Data from Register in 2-wire Interface Mode
Chip Address
R/W
Register Address
001000
AD0
0
ACK
RAM
Chip Address
R/W
Data to be read
001000
AD0
1
ACK
DATA
CONFIGURATION REGISTER DEFINITION
SPI and 2-wire configuration interface share the same registers because there is only one interface active at any time. There are total
of 53 user programmable 8-bit registers in this device. These registers control the operations of ADC and DAC. External master
controller can access these registers by using the slave address specified in RAM (Register Address Map) register as shown in the
Table 5.
Table 5 Bit Content of Register Address Map
B7
B6
B5
B4
B3
B2
B1
B0
Reg. 00
SCPReset
LRCM
DACMCLK
SameFs
SeqEn
EnRef
VMIDSEL
Reg. 01
TSDEN
PdnOC
LPVcmMod
LPVrefBuf
PdnAna
PdnIbiasgen
VrefrLo
PdnVrefbuf
Reg. 02
adc_DigPDN
dac_DigPDN
adc_stm_rst
dac_stm_rst
ADCDLL_PDN
DACDLL_PDN
adcVref_PDN dacVref_PDN
Reg. 03
PdnAINL
PdnAINR
PdnADCL
PdnADCR
PdnMICB
PdnADCBiasgen
flashLP
int1LP
Reg. 04
PdnDACL
PdnDACR
LOUT1
ROUT1
LOUT2
ROUT2
MONO
OUT3
Reg. 05
LPDACL
LPDACR
LPLOUT1
OC[2]
LPLOUT2
OC[3]
LPMONO
LPOUT3
Reg. 06
LPPGA
LPLMIX
LPRMIX
LPMMIX
LPMOUTINV
LPOUT2INV
LPADCvrp
LPDACvrp
Reg. 07
VSEL
Reg. 08
MSC
MCLKDIV2
BCLK_INV
BCLKDIV
Reg. 09
MicAmpL
MicAmpR
Reg. 10
LINSEL
RINSEL
Reg. 11
DS
MONOMIX
TRI
OC[1:0]
Reg. 12
DATSEL
ADCLRP
ADCWL
ADCFORMAT
Reg. 13
ADCFsMode
ADCFsRatio
Reg. 14
ADC_invL
ADC_invR
ADC_HPF_L
ADC_HPF_R
Reg. 15 ADCRampRate ADCSoftRamp ADCZeroCrs
ADCLeR
ADCMute
Reg. 16
LADCVOL
Reg. 17
RADCVOL
Reg. 18
ALCSEL
MAXGAIN
MINGAIN
Reg. 19
ALCLVL
ALCHLD
Reg. 20
ALCDCY
ALCATK
Reg. 21
ALCMODE
ALCZC
TIME_OUT
WIN_SIZE
Reg. 22
NGTH
NGG
NGAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com