Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 7 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 7 Page - Protek Devices

Back Button PA5331 Datasheet HTML 3Page - Protek Devices PA5331 Datasheet HTML 4Page - Protek Devices PA5331 Datasheet HTML 5Page - Protek Devices PA5331 Datasheet HTML 6Page - Protek Devices PA5331 Datasheet HTML 7Page - Protek Devices PA5331 Datasheet HTML 8Page - Protek Devices PA5331 Datasheet HTML 9Page - Protek Devices PA5331 Datasheet HTML 10Page - Protek Devices PA5331 Datasheet HTML 11Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
SPI_DIN
SPI_CLK
SPI_CSn
T
SPICS
T
SPISC
T
SPIDS
T
SPIDH
T
SPICH
T
SPICL
T
SPISH
Serial Control Port SPI Timing
S
P
SDA
SCL
T
TWSTS
T
TWSTH
T
TWCH
T
TWCL
T
TWDH
T
TWDS
T
TWF
T
TWR
S
T
TWID
Serial Control Port 2-wire Timing
CLOCK MODES AND SAMPLING FREQUENCIES
According to the input serial audio data sampling frequency, the device can work in two speed modes: single speed or double speed.
The ranges of the sampling frequency in these two modes are listed in Table 1. The device can work either in master clock mode or
slave clock mode.
In slave mode, LRCK and SCLK are supplied externally. LRCK and SCLK must be synchronously derived from the system clock with
specific rates. The device can auto detect MCLK/LRCK ratio according to Table 1. The device only supports the MCLK/LRCK ratios
listed in Table 1. The LRCK/SCLK ratio is normally 64.
Table 1 Slave Mode Sampling Frequencies and MCLK/LRCK Ratio
Speed Mode
Sampling Frequency
MCLK/LRCK Ratio
Single Speed
8kHz
– 50kHz
256, 384, 512, 768, 1024
Double Speed
50kHz
– 100kHz
128, 192, 256, 384, 512
In master mode, LRCK and SCLK are derived internally from MCLK. The available MCLK/LRCK ratios and SCLK/LRCK ratios are
listed in Table 2Table 2 Master Mode Sampling Frequencies and MCLK/LRCK Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com