Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5331 Datasheet(PDF) 21 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 21 Page - Protek Devices

Back Button PA5331 Datasheet HTML 17Page - Protek Devices PA5331 Datasheet HTML 18Page - Protek Devices PA5331 Datasheet HTML 19Page - Protek Devices PA5331 Datasheet HTML 20Page - Protek Devices PA5331 Datasheet HTML 21Page - Protek Devices PA5331 Datasheet HTML 22Page - Protek Devices PA5331 Datasheet HTML 23Page - Protek Devices PA5331 Datasheet HTML 24Page - Protek Devices PA5331 Datasheet HTML 25Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Register 36
– DAC Control 14, Default 1111 1101
Bit Name
Bit
Description
Shelving_b[15:8]
7:0
30-bit a coefficient for shelving filter
Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
Register 37
– DAC Control 15, Default 1111 1111
Bit Name
Bit
Description
Shelving_b[7:0]
7:0
30-bit a coefficient for shelving filter
Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
Register 38
– DAC Control 16, Default 0000 0000
Bit Name
Bit
Description
LMIXSEL
5:3
Left input select for output mix
000
– reserved (default)
001
– LIN1
010
– reserved
011
– left ADC input (after mic amplifier)
RMIXSEL
2:0
Right input select for output mix
000
– reserved (default)
001
– RIN1
010
– LIN2
011
– right ADC input (after mic amplifier)
Register 39
– DAC Control 17, Default 0011 1000
Bit Name
Bit
Description
LD2LO
7
0
– left DAC to left mixer disable (default)
1
– left DAC to left mixer enable
LI2LO
6
0
– LIN signal to left mixer disable (default)
1
– LIN signal to left mixer enable
LI2LOVOL
5:3
LIN signal to left mixer gain
000
– 6 dB
001
– 3 dB
010
– 0 dB
011
– -3 dB
100
– -6 dB
101
– -9 dB
110
– -12 dB
111
– -15 dB (default)
Register 40
– DAC Control 18, Default 0011 1000
Bit Name
Bit
Description
RD2LO
7
0
– right DAC to left mixer disable (default)
1
– right DAC to left mixer enable
RI2LO
6
0
– RIN signal to left mixer disable (default)
1
– RIN signal to left mixer enable
RI2LOVOL
5:3
RIN signal to left mixer gain
000
– 6 dB
001
– 3 dB
010
– 0 dB
011
– -3 dB
100
– -6 dB
101
– -9 dB
110
– -12 dB
111
– -15 dB (default)
Register 41
– DAC Control 19, Default 0011 1000
Bit Name
Bit
Description
LD2RO
7
0
– left DAC to right mixer disable (default)
1
– left DAC to right mixer enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com