Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 61 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 57Page - STMicroelectronics STA369BWS Datasheet HTML 58Page - STMicroelectronics STA369BWS Datasheet HTML 59Page - STMicroelectronics STA369BWS Datasheet HTML 60Page - STMicroelectronics STA369BWS Datasheet HTML 61Page - STMicroelectronics STA369BWS Datasheet HTML 62Page - STMicroelectronics STA369BWS Datasheet HTML 63Page - STMicroelectronics STA369BWS Datasheet HTML 64Page - STMicroelectronics STA369BWS Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
STA369BWS
Register description
Doc ID 16861 Rev 4
61/89
Writing a set of coefficients to RAM
1.
Select the RAM block with register 0x31 bit1, bit0.
2.
Write 6-bits of starting address to I2C register 0x16.
3.
Write top 8-bits of coefficient b1 in I2C address 0x17.
4.
Write middle 8-bits of coefficient b1 in I2C address 0x18.
5.
Write bottom 8-bits of coefficient b1 in I2C address 0x19.
6.
Write top 8-bits of coefficient b2 in I2C address 0x1A.
7.
Write middle 8-bits of coefficient b2 in I2C address 0x1B.
8.
Write bottom 8-bits of coefficient b2 in I2C address 0x1C.
9.
Write top 8-bits of coefficient a1 in I2C address 0x1D.
10. Write middle 8-bits of coefficient a1 in I2C address 0x1E.
11. Write bottom 8-bits of coefficient a1 in I2C address 0x1F.
12. Write top 8-bits of coefficient a2 in I2C address 0x20.
13. Write middle 8-bits of coefficient a2 in I2C address 0x21.
14. Write bottom 8-bits of coefficient a2 in I2C address 0x22.
15. Write top 8-bits of coefficient b0 in I2C address 0x23.
16. Write middle 8-bits of coefficient b0 in I2C address 0x24.
17. Write bottom 8-bits of coefficient b0 in I2C address 0x25.
18. Write 1 to WA bit in I2C address 0x26.
The mechanism for writing a set of coefficients to RAM provides a method of updating the
five coefficients corresponding to a given biquad (filter) simultaneously to avoid possible
unpleasant acoustic side-effects. When using this technique, the 6-bit address specifies the
address of the biquad b1 coefficient (for example, 0, 5, 10, 20, 35 decimal), and the
STA369BWS generates the RAM addresses as offsets from this base value to write the
complete set of coefficient data.
Table 71.
RAM block for biquads, mixing, scaling, bass management
Index
(Decimal)
Index (Hex)
Description
Coefficient
Default
0
0x00
Channel 1 - Biquad 1
C1H10(b1/2)
0x000000
1
0x01
C1H11(b2)
0x000000
2
0x02
C1H12(a1/2)
0x000000
3
0x03
C1H13(a2)
0x000000
4
0x04
C1H14(b0/2)
0x400000
5
0x05
Channel 1 - Biquad 2
C1H20
0x000000
……
…
…
…
19
0x13
Channel 1 - Biquad 4
C1H44
0x400000
20
0x14
Channel 2 - Biquad 1
C2H10
0x000000
21
0x15
C2H11
0x000000
……
…
…
…
39
0x27
Channel 2 - Biquad 4
C2H44
0x400000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com