Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 67 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 63Page - STMicroelectronics STA369BWS Datasheet HTML 64Page - STMicroelectronics STA369BWS Datasheet HTML 65Page - STMicroelectronics STA369BWS Datasheet HTML 66Page - STMicroelectronics STA369BWS Datasheet HTML 67Page - STMicroelectronics STA369BWS Datasheet HTML 68Page - STMicroelectronics STA369BWS Datasheet HTML 69Page - STMicroelectronics STA369BWS Datasheet HTML 70Page - STMicroelectronics STA369BWS Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
STA369BWS
Register description
Doc ID 16861 Rev 4
67/89
6.13
Extended configuration register (addr 0x36)
Extended configuration register provides access to B2DRC and biquad 5, 6 and 7.
6.13.1
Dual-band DRC (B2DRC)
STA369BWS device provide a dual-band DRC (B2DRC) on the left and right channels data
path, as depicted in Figure 19. Dual-band DRC is activated by setting MDRC[1:0] = 1x.
Figure 19.
B2DRC scheme
The low frequency information (LFE) is extracted from left and right channels, removing the
high frequencies using a programmable biquad filter, and then computing the difference with
the original signal. Limiter 1 (DRC1) is then used to control left/right high frequency
components amplitude while limiter 2 (DRC2) is used to control the low frequency
components (see Chapter 6.6).
The cut-off frequency of the high pass filters can be user defined, XO[3:0] = 0, or selected
from the predefined values.
DRC1 and DRC2 are then used to independently limit L/R high frequencies and LFE
channels amplitude (see Chapter 6.6) as well as their volume control. To be noted that, in
this configuration, the dedicated channel 3 volume control can be actually acted as a bass
boost enhancer as well (0.5 dB/step resolution).
The processed LFE channel is then recombined with the L and R channels in order to
reconstruct the 2.0 output signal.
Sub-band decomposition
The sub-band decomposition for B2DRC can be configured specifying the cutoff frequency.
The cut off frequency can be programmed in two ways, using XO bits in register 0x0C, or
using “user programmable” mode (coefficients stored in RAM addresses 0x28 to 0x31).
D7
D6
D5
D4
D3
D2
D1
D0
MDRC[1]
MDRC[0]
PS48DB
XAR1
XAR2
BQ5
BQ6
BQ7
00
00
000
0
R
L
Pass
XO
Filter
Pass
XO
Filter
R
L
B2DRC
Hi-pass
filter
B2DRC
Hi-pass
filter
-
-
CH1
Volume
Vol
And
Limiter
DRC1
CH2
Volume
DRC1
CH3
Volume
Vol
And
Limiter
DRC2
CH3
Volume
Vol
And
Limiter
DRC2
+
+
R
L
Pass
XO
Filter
Pass
XO
Filter
R
L
B2DRC
Hi-pass
filter
B2DRC
Hi-pass
filter
-
-
CH1
Volume
Vol
And
Limiter
DRC1
CH2
Volume
DRC1
CH3
Volume
Vol
And
Limiter
DRC2
CH3
Volume
Vol
And
Limiter
DRC2
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com