Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 75 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 71Page - STMicroelectronics STA369BWS Datasheet HTML 72Page - STMicroelectronics STA369BWS Datasheet HTML 73Page - STMicroelectronics STA369BWS Datasheet HTML 74Page - STMicroelectronics STA369BWS Datasheet HTML 75Page - STMicroelectronics STA369BWS Datasheet HTML 76Page - STMicroelectronics STA369BWS Datasheet HTML 77Page - STMicroelectronics STA369BWS Datasheet HTML 78Page - STMicroelectronics STA369BWS Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
STA369BWS
Register description
Doc ID 16861 Rev 4
75/89
registers. D7 bit, when set, is responsible to activate this function on the crossover filter
while the other bits address any specific biquads as per previous table. Channels 1 and 2
share the same settings. Bit D7 is effective also for channel 3 if the relative OCFG is used.
Figure 23.
Biquad filter structure with quantization-error noise shaping
6.19
Extended coefficient range up to +4/-4 (addr 0x49, 0x4A)
Biquads from 1 to 7 have the possibility to extend the coefficient range from +1/-1 to +4/-4.
This allows the realization of high shelf filters that may require a coefficients dynamic greater
than 1 (absolute value).
Three ranges are available, +1/-1, +2/-2, +4/-4. To maintain a back compatibility with all the
previous Sound Terminal™ products, the extended range is not activated by default.
Each biquad has its independent setting as per the table below:
In this case the user can decide, for each filter stage, the correct coefficients range. Note
that for a given biquad the same range is applied to left and right (channel 1 and channel 2).
Crossover biquads do not have this feature and maintain the +1/-1 range unchanged.
z
-1
z
-1
z
-1
z
-1
Q
In(t)
b0
b1
b2
a1
a2
z
-1
+
-
Out(t)
z
-1
z
-1
z
-1
z
-1
Q
In(t)
b0
b1
b2
a1
a2
z
-1
+
-
Out(t)
D7
D6
D5
D4
D3
D2
D1
D0
CXTB4[1]
CXTB4[0]
CXTB3[1]
CXTB3[0]
CXTB2[1]
CXTB2[0]
CXTB1[1]
CXTB1[0]
00
00
000
0
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
CXTB7[1]
CXTB7[0]
CXTB6[1]
CXTB6[0]
CXTB5[1]
CXTB5[0]
00
00
000
0
Table 86.
Coefficients extended range configuration
CEXT_Bx[1:0]
Coefficient range
00
+1/-1
01
+2/-2
10
+4/-4
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com