Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 32Page - STMicroelectronics STA369BWS Datasheet HTML 33Page - STMicroelectronics STA369BWS Datasheet HTML 34Page - STMicroelectronics STA369BWS Datasheet HTML 35Page - STMicroelectronics STA369BWS Datasheet HTML 36Page - STMicroelectronics STA369BWS Datasheet HTML 37Page - STMicroelectronics STA369BWS Datasheet HTML 38Page - STMicroelectronics STA369BWS Datasheet HTML 39Page - STMicroelectronics STA369BWS Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
Register description
STA369BWS
36/89
Doc ID 16861 Rev 4
Zero-crossing volume enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings no clicks are audible.
Soft volume update enable
6.1.6
Configuration register F (addr 0x05)
Output configuration
Table 40.
Zero-crossing volume enable
Bit
R/W
RST
Name
Description
6R/W
1
ZCE
1: volume adjustments only occur at digital zero-
crossings
0: volume adjustments occur immediately
Table 41.
Soft volume update enable
Bit
R/W
RST
Name
Description
7
R/W
1
SVE
1: volume adjustments ramp according to SVUP/SVDW
settings
0: volume adjustments occur immediately
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
OCFG1
OCFG0
01
01
110
0
Table 42.
Output configuration
Bit
R/W
RST
Name
Description
0
R/W
0
OCFG0
Selects the output configuration
1
R/W
0
OCFG1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com