Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 23Page - STMicroelectronics STA369BWS Datasheet HTML 24Page - STMicroelectronics STA369BWS Datasheet HTML 25Page - STMicroelectronics STA369BWS Datasheet HTML 26Page - STMicroelectronics STA369BWS Datasheet HTML 27Page - STMicroelectronics STA369BWS Datasheet HTML 28Page - STMicroelectronics STA369BWS Datasheet HTML 29Page - STMicroelectronics STA369BWS Datasheet HTML 30Page - STMicroelectronics STA369BWS Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
STA369BWS
Register description
Doc ID 16861 Rev 4
27/89
The STA369BWS has variable interpolation (oversampling) settings such that internal
processing and FFX output rates remain consistent. The first processing block interpolates
by either 2-times or 1-time (pass-through) or provides a 2-times downsample. The
oversampling ratio of this interpolation is determined by the IR bits.
Thermal warning recovery bypass
This bit sets the behavior of the IC after a thermal warning disappears. If TWRB is enabled
the device automatically restores the normal gain and output limiting is no longer active. If it
is disabled the device keeps the output limit active until a reset is asserted or until TWRB set
to 0. This bit works in conjunction with TWAB
Thermal warning adjustment bypass
Bit TWAB enables automatic output limiting when a power stage thermal warning condition
persists for longer than 400ms. When the feature is active (TWAB = 0) the desired output
limiting, set through bit TWOCL (-3 dB by default) at address 0x37 in the RAM coefficients
bank, is applied. The way the limiting acts after the warning condition disappears is
controlled by bit TWRB.
Table 12.
IR bit settings as a function of input sample rate
Input sample rate fs (kHz)
IR
1st stage interpolation ratio
32
00
2-times oversampling
44.1
00
2-times oversampling
48
00
2-times oversampling
88.2
01
Pass-through
96
01
Pass-through
176.4
10
2-times downsampling
192
10
2-times downsampling
Table 13.
Thermal warning recovery bypass
Bit
R/W
RST
Name
Description
5R/W
1
TWRB
0: thermal warning recovery enabled
1: thermal warning recovery disabled
Table 14.
Thermal warning adjustment bypass
Bit
R/W
RST
Name
Description
6R/W
1
TWAB
0: thermal warning adjustment enabled
1: thermal warning adjustment disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com