Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 41Page - STMicroelectronics STA369BWS Datasheet HTML 42Page - STMicroelectronics STA369BWS Datasheet HTML 43Page - STMicroelectronics STA369BWS Datasheet HTML 44Page - STMicroelectronics STA369BWS Datasheet HTML 45Page - STMicroelectronics STA369BWS Datasheet HTML 46Page - STMicroelectronics STA369BWS Datasheet HTML 47Page - STMicroelectronics STA369BWS Datasheet HTML 48Page - STMicroelectronics STA369BWS Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
STA369BWS
Register description
Doc ID 16861 Rev 4
45/89
6.2.1
Mute/line output configuration register (addr 0x06)
Line output is only active when OCFG = 00. In this case LOC determines the line output
configuration. The source of the line output is always the channel 1 and 2 inputs.
6.2.2
Master volume register (addr 0x07)
6.2.3
Channel 1 volume (addr 0x08)
6.2.4
Channel 2 volume (addr 0x09)
D7
D6
D5
D4
D3
D2
D1
D0
LOC1
LOC0
Reserved
Reserved
C3M
C2M
C1M
Reserved
00
00
000
0
Table 50.
Line output configuration
LOC[1:0]
Line output configuration
00
Line output fixed - no volume, no EQ
01
Line output variable - channel 3 volume effects line output, no EQ
10
Line output variable with EQ - channel 3 volume effects line output
D7
D6
D5
D4
D3
D2
D1
D0
MVOL7
MVOL6
MVOL5
MVOL4
MVOL3
MVOL2
MVOL1
MVOL0
11
11
111
1
Table 51.
Master volume offset as a function of MVOL[7:0]
MVOL[7:0]
Volume offset from channel value
00000000 (0x00)
0 dB
00000001 (0x01)
-0.5 dB
00000010 (0x02)
-1 dB
……
01001100 (0x4C)
-38 dB
……
11111110 (0xFE)
-127.5 dB
11111111 (0xFF)
Default mute, not to be used during operation
D7
D6
D5
D4
D3
D2
D1
D0
C1VOL7
C1VOL6
C1VOL5
C1VOL4
C1VOL3
C1VOL2
C1VOL1
C1VOL0
01
10
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C2VOL7
C2VOL6
C2VOL5
C2VOL4
C2VOL3
C2VOL2
C2VOL1
C2VOL0
01
10
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com