Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 74 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 70Page - STMicroelectronics STA369BWS Datasheet HTML 71Page - STMicroelectronics STA369BWS Datasheet HTML 72Page - STMicroelectronics STA369BWS Datasheet HTML 73Page - STMicroelectronics STA369BWS Datasheet HTML 74Page - STMicroelectronics STA369BWS Datasheet HTML 75Page - STMicroelectronics STA369BWS Datasheet HTML 76Page - STMicroelectronics STA369BWS Datasheet HTML 77Page - STMicroelectronics STA369BWS Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
Register description
STA369BWS
74/89
Doc ID 16861 Rev 4
Figure 22.
Short-circuit detection timing diagram (no short detected)
In Figure 22 the short protection timing diagram is shown. The time information is expressed
in clock cycles, where the clock frequency is defined as in section . The grey colour is used
for SHOK bits to indicate that the bits keep the status of the previous EAPD 0 -> 1 toggling.
NB that after reset this state is meaningless until an EAPD transition has occurred. Ground
related SHOK bits are updated as soon as the GND test is completed, while VCC bits are
updated after the VCC test is completed. Both GND and VCC tests are always run (if SHEN
bit active and EAPD toggled to 1), and only if both test are successful (no short) will the
bridge outputs leave the 3-state (indicated in dotted lines in the figure). If one of the two
tests (or both) fail, the power bridge outputs are kept in 3-state until the procedure is
restarted with a new EAPD toggling.
In this figure EAPD is bit 7 of register 0x05.
6.18
Quantization error noise correction (addr 0x48)
A special feature inside the digital processing block is available. In case of poles positioned
at very low frequencies, biquads filters, can generate some audible quantization noise or
unwanted DC level. In order to avoid such kind of effect a quantization noise shaping
capability can be used. The filter structure including this special feature, relative to each
biquad is shown in Figure 23.
To maintain a back compatibility with all the previous Sound Terminal™ products the feature
is not activated by default. It can be enabled independently for each biquad using I2C
EAPD
OU T 1 A
OU T 1 B
OU T 2 A
OU T 2 B
SHO K [7 ]
SHO K [6 ]
SHO K [5 ]
SHO K [4 ]
SHO K [3 ]
SHO K [2 ]
SHO K [1 ]
SHO K [0 ]
S tart gnd te s t
S tart vc c tes t
E nd of S hort te s t
44
cycle s
5 0 0 0 5 cycle s
500 05 c yc les
1c yc le
D7
D6
D5
D4
D3
D2
D1
D0
NSHXEN
NSHB7EN
NSHB6EN
NSHB5EN
NSHB4EN
NSHB3EN
NSHB2EN
NSHB1EN
00
00
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com