Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 68 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 64Page - STMicroelectronics STA369BWS Datasheet HTML 65Page - STMicroelectronics STA369BWS Datasheet HTML 66Page - STMicroelectronics STA369BWS Datasheet HTML 67Page - STMicroelectronics STA369BWS Datasheet HTML 68Page - STMicroelectronics STA369BWS Datasheet HTML 69Page - STMicroelectronics STA369BWS Datasheet HTML 70Page - STMicroelectronics STA369BWS Datasheet HTML 71Page - STMicroelectronics STA369BWS Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
Register description
STA369BWS
68/89
Doc ID 16861 Rev 4
For the user programmable mode, use the formulae below to compute the high pass filters:
where alpha = (1-sin(
ω0)) / cos(ω0), and ω0 is the cut-off frequency.
A first-order filter is suggested to guarantee that for every
ω0 the corresponding low-pass
filter obtained as difference (as shown in Figure 19) has a symmetric (relative to HP filter)
frequency response, and the corresponding recombination after the DRC has low ripple.
Second-order filters can be used as well, but in this case the filter shape must be carefully
chosen to provide good low pass response and minimum ripple recombination. For second-
order is not possible to give a closed formula to get the best coefficients, but empirical
adjustment should be done.
DRC settings
The DRC blocks used by B2DRC are the same as those described in Chapter 6.6. B2DRC
configure automatically the DRC blocks in anticlipping mode. Attack and release thresholds
can be selected using registers 0x32, 0x33, 0x34, 0x35, while attack and release rates are
configured by registers 0x12 and 0x14.
Band downmixing
The low-frequency band is down-mixed to the left and right channels at the B2DRC output.
Channel volume can be used to weight the bands recombination to fine tune the overall
frequency response.
6.13.2
EQ DRC mode
Setting MDRC = 01, it is possible to add a programmable biquad (the XO biquad at RAM
addresses 0x28 to 0x2C is used for this purpose) to the Limiter/compressor measure path
(side chain). Using EQDRC the peak detector input can be shaped in frequency using the
programmable biquad. For example, if a bass boost of +2 dB is applied (using a low-shelf
filter, for instance), the effect is that the EQDRC out will limit bass frequencies to 2 dB below
the selected attack threshold.
Generally speaking, if the biquad boosts frequency f with an amount of X dB, the level of a
compressed sine wave at the output is TH - X, where TH is the selected attack threshold.
Note:
EQDRC works only if the biquad frequency response magnitude is >= 0 dB for every
frequency.
b0 = (1 + alpha) / 2
a0 = 1
b1 = -(1 + alpha) / 2
a1 = -alpha
b2 = 0
a2 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com