Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 28Page - STMicroelectronics STA369BWS Datasheet HTML 29Page - STMicroelectronics STA369BWS Datasheet HTML 30Page - STMicroelectronics STA369BWS Datasheet HTML 31Page - STMicroelectronics STA369BWS Datasheet HTML 32Page - STMicroelectronics STA369BWS Datasheet HTML 33Page - STMicroelectronics STA369BWS Datasheet HTML 34Page - STMicroelectronics STA369BWS Datasheet HTML 35Page - STMicroelectronics STA369BWS Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
Register description
STA369BWS
32/89
Doc ID 16861 Rev 4
Overcurrent warning adjustment bypass
The OCRB is used to indicate how STA369BWS behaves when an overcurrent warning
condition occurs. If OCRB = 0 and the overcurrent condition happens, the power control
block forces an adjustment to the modulation limit (default is -3 dB) in an attempt to
eliminate the overcurrent warning condition. Once the overcurrent warning clipping
adjustment is applied, it remains in this state until reset is applied or OCRB is set to 1. The
level of adjustment can be changed via the TWOCL (thermal warning/overcurrent limit)
setting at address 0x37 of the user defined coefficient RAM (Section 6.7.7 on page 59).
The
OCRB can be enabled while the output bridge is already on.
6.1.4
Configuration register D (addr 0x03)
High-pass filter bypass
The STA369BWS features an internal digital high-pass filter for the purpose of AC coupling.
The purpose of this filter is to prevent DC signals from passing through a FFX amplifier. DC
signals can cause speaker damage. When HPB = 0, this filter is enabled.
Table 24.
Compensating pulse size
CSZ[3:0]
Compensating pulse size
0000
0 ns (0 tick) compensating pulse size
0001
20 ns (1 tick) clock period compensating pulse size
……
1111
300 ns (15 tick) clock period compensating pulse size
Table 25.
Overcurrent warning bypass
Bit
R/W
RST
Name
Description
7
R/W
1
OCRB
0: overcurrent warning adjustment enabled
1: overcurrent warning adjustment disabled
D7
D6
D5
D4
D3
D2
D1
D0
SME
ZDE
DRC
BQL
PSL
DSPB
DEMP
HPB
01
00
000
0
Table 26.
High-pass filter bypass
Bit
R/W
RST
Name
Description
0
R/W
0
HPB
1: bypass internal AC coupling digital high-pass filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com