Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 24Page - STMicroelectronics STA369BWS Datasheet HTML 25Page - STMicroelectronics STA369BWS Datasheet HTML 26Page - STMicroelectronics STA369BWS Datasheet HTML 27Page - STMicroelectronics STA369BWS Datasheet HTML 28Page - STMicroelectronics STA369BWS Datasheet HTML 29Page - STMicroelectronics STA369BWS Datasheet HTML 30Page - STMicroelectronics STA369BWS Datasheet HTML 31Page - STMicroelectronics STA369BWS Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 89 page
background image
Register description
STA369BWS
28/89
Doc ID 16861 Rev 4
Fault detect recovery bypass
The on-chip power block provides feedback to the digital controller which is used to indicate
a fault condition (either overcurrent or thermal). When fault is asserted the power control
block attempts a recovery from the fault by asserting the 3-state output, holding it for period
of time in the range of 0.1 ms to 1 second, as defined by the fault-detect recovery constant
register (FDRC registers 0x2B-0x2C), then toggling it back to normal condition. This
sequence is repeated as long as the fault indication exists. This feature is enabled by default
but can be bypassed by setting the FDRB control bit to 1. The fault condition is also
asserted by a low-state pulse of the normally high INT_LINE output pin.
6.1.2
Configuration register B (addr 0x01)
Serial audio input interface format
Serial data interface
The STA369BWS audio serial input interfaces with standard digital audio components and
accepts a number of serial data formats. STA369BWS always acts as slave when receiving
audio input from standard digital audio components. Serial data for two channels is provided
using three inputs: left/right clock LRCKI, serial clock BICKI, and serial data SDI.
Bits SAI and bit SAIFB are used to specify the serial data format. The default serial data
format is I2S, MSB first. Available formats are shown in the tables and figure that follow.
Serial data first bit
Table 15.
Fault detect recovery bypass
Bit
R/W
RST
Name
Description
7
R/W
0
FDRB
0: fault detect recovery enabled
1: fault detect recovery disabled
D7
D6
D5
D4
D3
D2
D1
D0
C2IM
C1IM
DSCKE
SAIFB
SAI3
SAI2
SAI1
SAI0
10
00
000
0
Table 16.
Serial audio input interface
Bit
R/W
RST
Name
Description
0R/W
0
SAI0
Determines the interface format of the input serial
digital audio interface.
1R/W
0
SAI1
2R/W
0
SAI2
3R/W
0
SAI3
Table 17.
Serial data first bit
SAIFB
Format
0
MSB-first
1
LSB-first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com