Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 66 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 62Page - STMicroelectronics STA369BWS Datasheet HTML 63Page - STMicroelectronics STA369BWS Datasheet HTML 64Page - STMicroelectronics STA369BWS Datasheet HTML 65Page - STMicroelectronics STA369BWS Datasheet HTML 66Page - STMicroelectronics STA369BWS Datasheet HTML 67Page - STMicroelectronics STA369BWS Datasheet HTML 68Page - STMicroelectronics STA369BWS Datasheet HTML 69Page - STMicroelectronics STA369BWS Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
Register description
STA369BWS
66/89
Doc ID 16861 Rev 4
6.12
EQ coefficients and DRC configuration register (addr 0x31)
EQ RAM
DRC / Anti clipping
Bits AMGC[3:2] change the behavior of the bits AMGC[1:0] as given in Table 74 below.
Anticlipping when AMGC[3:2] = 01
AC0, AC1, AC2 settings are designed for the loudspeaker protection function, limiting at the
minimum any audio artefacts introduced by typical anti-clipping / DRC algorithms. More
detailed information is available in the applications notes “Configurable output power rate
using STA335BW” and “STA335BWS vs STA335BW”.
XOB
This bit can be used to bypass the crossover filters. Logic 1 means that the function is not
active. In this case, high pass crossover filter works as a pass-through on the data path
(b0 = 1, all the other coefficients at logic 0) while the low-pass filter is configured to have
zero signal on channel-3 data processing (all the coefficients are at logic 0).
D7
D6
D5
D4
D3
D2
D1
D0
XOB
Reserved
Reserved
AMGC[3]
AMGC[2]
Reserved
SEL[1]
SEL[0]
00
00
000
0
Table 73.
EQ RAM select
SEL[1:0]
EQ RAM bank selected
00 / 11
Bank 0 activated
01
Bank 1 activated
10
Bank 2 activated
Table 74.
Anti clipping and DRC preset
AMGC[3:2]
Anti clipping and DRC preset selected
00
DRC / Anti-clipping behavior is described in Table 53 on page 47 (default)
01
DRC / Anti-clipping behavior is described Table 75 on page 66
10 / 11
Reserved
Table 75.
Anti-clipping selection for AMGC[3:2] = 01
AMGC[1:0]
Mode
00
AC0, stereo anticlipping 0dB limiter
01
AC1, stereo anticlipping +1.25 dB limiter
10
AC2, stereo anticlipping +2 dB limiter
11
Reserved do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com