Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 72 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 68Page - STMicroelectronics STA369BWS Datasheet HTML 69Page - STMicroelectronics STA369BWS Datasheet HTML 70Page - STMicroelectronics STA369BWS Datasheet HTML 71Page - STMicroelectronics STA369BWS Datasheet HTML 72Page - STMicroelectronics STA369BWS Datasheet HTML 73Page - STMicroelectronics STA369BWS Datasheet HTML 74Page - STMicroelectronics STA369BWS Datasheet HTML 75Page - STMicroelectronics STA369BWS Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
Register description
STA369BWS
72/89
Doc ID 16861 Rev 4
6.16
Extra volume resolution configuration registers (addr 0x3F)
Extra volume resolution allows fine volume tuning in steps of 0.125 dB.
The feature is enabled when VRESEN = 1, as depicted in Figure 21. The overall channel
volume in this case is CxVol + CxVR (in dB).
Figure 21.
Extra resolution volume scheme
If VRESEN = 0 the channel volume is defined only by CxVol registers.
Fine tuning steps can be set according to the following table for channels 1, 2, 3:
Two different behaviors can be configured by VRESTG bit.
If VRESTG = 0 the CxVR contribution is applied immediately after the corresponding I2C
bits are written.
If VRESTG = 1 the CxVR bits are effective on channel volume only after the corresponding
CxVol register or master volume register is written (even to the previous values).
D7
D6
D5
D4
D3
D2
D1
D0
VRESEN
VRESTG
C3VR[1]
C3VR[0]
C2VR[1]
C2VR[0]
C1VR[1]
C1VR[0]
00
00
000
0
Table 84.
Bits CxVR description
CxVR[1:0]
Mode
00
0 dB
01
-0.125 dB
10
-0.25 dB
11
-0.375 dB
Audio Data Out
CxVOL
Soft
Volume
X
X
Audio Data In
VRESEN
VRESTG
CxVR
MVOL or CxVOL’event
1
0
0
1
Audio Data Out
CxVOL
Soft
Volume
X
X
Audio Data In
VRESEN
VRESTG
CxVR
MVOL or CxVOL’event
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com