Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 76 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 72Page - STMicroelectronics STA369BWS Datasheet HTML 73Page - STMicroelectronics STA369BWS Datasheet HTML 74Page - STMicroelectronics STA369BWS Datasheet HTML 75Page - STMicroelectronics STA369BWS Datasheet HTML 76Page - STMicroelectronics STA369BWS Datasheet HTML 77Page - STMicroelectronics STA369BWS Datasheet HTML 78Page - STMicroelectronics STA369BWS Datasheet HTML 79Page - STMicroelectronics STA369BWS Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
Register description
STA369BWS
76/89
Doc ID 16861 Rev 4
6.20
Miscellaneous registers (addr 0x4B, 0x4C)
6.20.1
MISC1 (addr 0x4B)
Rate powerdown enable (RPDNEN) bit
In STA369BWS, by default, powerdown pin and I2C powerdown act on mute commands to
perform the fadeout. This default can be changed so that the fadeout can be started using
master volume. RPDNEN bit, when set, activates this feature.
Noise shaping on DC-cut filter enable (NSHHPEN) bit
Following what described in Section 6.18, this bit, when set, enables the noise shaping
technique on DC-cut filter. Channels 1 and 2 share the same settings.
Bridge immediate off (BRIDGOFF) bit
A fadeout procedure is started in STA369BWS, once PWDN function is enabled and after
13 million clock cycles (PLL internal frequency) the bridge is put in powerdown (Tristate
mode). There is also the possibility to change this behavior so that the power bridge is
switched off immediately after PWDN pin is tied to ground, without, therefore waiting for the
13 million clock cycles. BRIDGOFF bit, when set, activates this function. Obviously, the
immediate powerdown generates a pop noise at the output, hence this procedure must be
used only in cases where pop noise is not relevant in the application. Note that this feature
works only for hardware PWDN assertion and not for a power down applied through I2C
interface. Refer to Section : Power down delay selector (PNDLSL[2:0]) bits on page 79 when
it is necessary to program a different number of clock cycles.
F3X™ mode activation (F3X) bits
F3X™ technology allows the PWM carrier to be suppressed for the auxiliary outputs. When
activated, pins 17, 18, 19 and 20 are the channel outputs that can be connected as per
figure Figure 24 below. This circuit suppresses the PWM carrier fundamental and its
harmonics by low-pass filtering the stereo signal. Typical resistor and capacitor values are
given for filtering the PWM signal.
Note:
F3X mode works only with binary modulation. See Section : Binary output enable registers
on page 50 for how to select this configuration.
D7
D6
D5
D4
D3
D2
D1
D0
RPDNEN
NSHHPEN
BRIDGOFF
F3XEN[1]
F3XEN[0]
CPWMEN
Reserved
BOOST
00
00
010
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com