Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 33Page - STMicroelectronics STA369BWS Datasheet HTML 34Page - STMicroelectronics STA369BWS Datasheet HTML 35Page - STMicroelectronics STA369BWS Datasheet HTML 36Page - STMicroelectronics STA369BWS Datasheet HTML 37Page - STMicroelectronics STA369BWS Datasheet HTML 38Page - STMicroelectronics STA369BWS Datasheet HTML 39Page - STMicroelectronics STA369BWS Datasheet HTML 40Page - STMicroelectronics STA369BWS Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
STA369BWS
Register description
Doc ID 16861 Rev 4
37/89
Note:
To the left of the arrow is the processing channel. When using channel output mapping, any
of the three processing channel outputs can be used for any of the three inputs.
Figure 10.
OCFG = 00 (default value)
Table 43.
Output configuration engine selection
OCFG[1:0]
Output configuration
Config pin
00
2 channel (full-bridge) power, 2 channel data-out:
1A/1B
→ 1A/1B
2A/2B
→ 2A/2B
LineOut1
→ 3A/3B
LineOut2
→ 4A/4B
Line Out Configuration determined by LOC register
0
01
2 (half-bridge), 1(full-bridge) on-board power:
1A
→ 1A
Binary 0 °
2A
→ 1B
Binary 90°
3A/3B
→ 2A/2B Binary 45°
1A/B
→ 3A/B
Binary 0°
2A/B
→ 4A/B
Binary 90°
0
10
2 channel (full-bridge) power, 1 channel FFX:
1A/1B
→ 1A/1B
2A/2B
→ 2A/2B
3A/3B
→ 3A/3B
EAPDEXT and TWARNEXT Active
0
11
1 channel mono-parallel:
3A
→ 1A/1B
w/ C3BO 45°
3B
→ 2A/2B
w/ C3BO 45°
1A/1B
→ 3A/3B
2A/2B
→ 4A/4B
1
Half
Bridge
Half
Bridge
Half
Bridge
Half
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
Channel 2
Channel 1
LPF
LineOut1
OUT3B
LPF
LineOut2
OUT4B
OUT4A
OUT3A
Half
Bridge
Half
Bridge
Half
Bridge
Half
Bridge
OUT1A
OUT1B
OUT2A
OUT2B
Channel 2
Channel 1
LPF
LineOut1
OUT3B
LPF
LineOut2
OUT4B
OUT4A
OUT3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com