Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 55 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 51Page - STMicroelectronics STW82102B Datasheet HTML 52Page - STMicroelectronics STW82102B Datasheet HTML 53Page - STMicroelectronics STW82102B Datasheet HTML 54Page - STMicroelectronics STW82102B Datasheet HTML 55Page - STMicroelectronics STW82102B Datasheet HTML 56Page - STMicroelectronics STW82102B Datasheet HTML 57Page - STMicroelectronics STW82102B Datasheet HTML 58Page - STMicroelectronics STW82102B Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
STW82102B
Application information
Doc ID 018516 Rev 2
55/67
11
Application information
11.1
Application circuit
Figure 25.
Typical STW82102B application circuit
C1 C2 C3
C1 C2 C3
C1
C2 C3
C1 C2 C3
C1 C2 C3
C1 C2 C3
C1 C2 C3
C1 C2 C3
C1 C2 C3
C1 C2 C3
C1 C2
C3
C1 C2 C3
1
2
3
4
5
6
7
8
9
10
11 VDD_IO
ADD0
ADD1
ADD2
EXT_PD
EXTVCO_INP
EXTVCO_INN
VDD_VCO
VDD_DIV
REXT_DAC
VDD_DAC
3.3V_LN4
RF_IN
C19
3.3V_LN1
3.3V_LN3
3.3V_LN2
C15 C16 C17
5V_2
L3
L4
C18
U3
IF_out
1
2
3
4
5
6
NC
C14
C13
C12
R10
R9
R8
3.3V_LN2
LOAD
SLC/CLK
SDA/DATA
3.3V_LN2
SPI
I2C
C11
REF_CLK
R7
3.3V_LN1
R6
LOCK_DET
3.3V_LN1
R2
R3
L1
L2
C6
C7
R4
C9
C8
R5
C10
1
2
3
4
5
6
X5
X6
X7
X8
U2
NC
3.3V_LN1
3.3V_LN1
3.3V_LN1
External VCO
X1
X2
X3
X4
U1
NC
C4
C5
3.3V_LN1
LO_Output
12
13
14
15
16
17
18 19
20
21
22
33
32
31
30
29
28
27
26
25
24
23
VDD_IFAMP
IF_OUTP
IF_OUTN
NC
LOAD
SLC/CLK
SDA/DATA
VDD_DIG
DBUS_SEL
VDD_PLL
REF_CLK
44
43
42
41
40
37
38
39
36
35
34
VFQFPN-44
1
2
3
4
5
6
5V_1
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com