Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 47 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 43Page - STMicroelectronics STW82102B Datasheet HTML 44Page - STMicroelectronics STW82102B Datasheet HTML 45Page - STMicroelectronics STW82102B Datasheet HTML 46Page - STMicroelectronics STW82102B Datasheet HTML 47Page - STMicroelectronics STW82102B Datasheet HTML 48Page - STMicroelectronics STW82102B Datasheet HTML 49Page - STMicroelectronics STW82102B Datasheet HTML 50Page - STMicroelectronics STW82102B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
STW82102B
SPI digital interface
Doc ID 018516 Rev 2
47/67
10
SPI digital interface
10.1
SPI general features
The SPI digital interface is selected by hardware connection of the pin 25 (DBUS_SEL) to
3.3 V.
The STW82102B IC is programmed by means of a high-speed serial-to-parallel interface
with write option only. The 3-wires bus can be clocked at a frequency as high as 100 MHz to
allow fast programming of the registers containing the data for RF IC configuration.
The programming of the chip is done through serial words with whole length of 26 bits. The
first 2 MSB represent the address of the registers. The others 24 LSB represent the value of
the registers.
Each data bit is stored in the internal shift register on the rising edge of the CLOCK signal.
On the rising edge of the LOAD signal the outputs of the selected register are sent to the
device.
Figure 21.
SPI input and output bit order
Last
DATA
LOAD
1
2
23
24
25 (MSB)
LOAD #4
Reg. #0
Reg. #1
Reg. #4
A1
Address
bit sent
(LSB) 0
decoder
00 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com