Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 51 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 47Page - STMicroelectronics STW82102B Datasheet HTML 48Page - STMicroelectronics STW82102B Datasheet HTML 49Page - STMicroelectronics STW82102B Datasheet HTML 50Page - STMicroelectronics STW82102B Datasheet HTML 51Page - STMicroelectronics STW82102B Datasheet HTML 52Page - STMicroelectronics STW82102B Datasheet HTML 53Page - STMicroelectronics STW82102B Datasheet HTML 54Page - STMicroelectronics STW82102B Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
STW82102B
SPI digital interface
Doc ID 018516 Rev 2
51/67
ST2
SPI register 2
Address:
0x01
Type:
W
Reset:
0x00
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
W
W
W
WWW
WWW
WW
W
[23:14] R[9:0]: Reference clock divider ratio
[13:12] PLL_A[1:0]: VCO amplitude control
[11:9] CPSEL[2:0]: Charge pump output current control
[8] PSC_SEL: Prescaler modulus select (‘0’ for P=16, ‘1’ for P=19)
[7] CAL_TYPE: Calibration algorithm selection
0: standard calibration to optimize the phase noise versus temperature
1: enhanced calibration to maximize the
ΔTLK range
[6] SERCAL:
at ‘1’ starts the VCO auto-calibration (automatically reset to ‘0’ at the end of calibration)
[5] SELEXTCAL: test purpose only. Must be set to ‘0’
[4] MUTE_EN:
0: mute function disabled
1: mute function enabled
[3] MUTE_TYPE: must be set to '1' while the mute function is enabled (mute IF output on
Unlock state)
[2] MUTE_LOOUT_EN:
To be set to ’1’ to mute the LO output buffer
[1] MUTE_MIX_EN:
To be set to ’1’ to mute the Mixer circuitry
[0] MUTE_IFAMP_EN:
To be set to ’1’ to mute the IF amplifier circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com