Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 35 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 31Page - STMicroelectronics STW82102B Datasheet HTML 32Page - STMicroelectronics STW82102B Datasheet HTML 33Page - STMicroelectronics STW82102B Datasheet HTML 34Page - STMicroelectronics STW82102B Datasheet HTML 35Page - STMicroelectronics STW82102B Datasheet HTML 36Page - STMicroelectronics STW82102B Datasheet HTML 37Page - STMicroelectronics STW82102B Datasheet HTML 38Page - STMicroelectronics STW82102B Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
STW82102B
I2C bus interface
Doc ID 018516 Rev 2
35/67
9.1.4
Device addressing
To start the communication between the Master and the STW82102B, the master must
initiate with a START condition. Following this, the master sends onto the SDA line 8 bits
(MSB first) corresponding to the device select address and read or write mode.
The first 7 MSBs are the device address identifier, corresponding to the I2C-Bus definition.
For the STW82102B the address is set as ’1101A2A1A0’, 3-bits programmable. The 8th bit
(LSB) is the read or write operation bit (the RW bit is set to 1 in read mode and to 0 in write
mode).
After a START condition the STW82102B identifies the device address on the bus and, if
matched, it acknowledge the identification on SDA bus during the 9th clock pulse.
9.1.5
Single-byte write mode
Following a START condition the master sends a device select code with the RW bit set to 0.
The STW82102B gives an acknowledge and waits for the internal sub-address (1 byte). This
byte provides access to any of the internal registers.
After reception of the internal byte sub-address the STW82102B again responds with an
acknowledge. A single-byte write to sub-address 0x00 would affect DATA_OUT[47:40], a
single-byte write with sub-address 0x04 would affect DATA_OUT[15:8] and so on.
9.1.6
Multi-byte write mode
The multi-byte write mode can start from any internal address. The master sends the data
bytes and each one is acknowledged. The master terminates the transfer by generating a
STOP condition.
The sub-address determines the starting byte. For example, a multi-byte write with sub-
address 0x01 and 4 DATA_IN bytes affects 4 bytes starting at address 0x01 (registers at
addresses 0x01, 0x02, 0x03 and 0x04 are modified).
9.1.7
Current byte address read
In the current byte address read mode, following a START condition, the master sends the
device address with the RW bit set to 1 (No sub-address is needed as there is only 1 byte
read register). The STW82102B acknowledges this and outputs the data byte. The master
does not acknowledge the received byte, but terminates the transfer with a STOP condition.
S
1101A2A1A0
0ack
sub-address
byte
ack
DATA IN
ack
P
S
1101A2A1A0
0ack
sub-address
byte
ack
DATA IN
ack
..
DATA
IN
ack
P
S
1101A2A1A0
1
ack
DATA OUT
No ack
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com