Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 14 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 10Page - STMicroelectronics STW82102B Datasheet HTML 11Page - STMicroelectronics STW82102B Datasheet HTML 12Page - STMicroelectronics STW82102B Datasheet HTML 13Page - STMicroelectronics STW82102B Datasheet HTML 14Page - STMicroelectronics STW82102B Datasheet HTML 15Page - STMicroelectronics STW82102B Datasheet HTML 16Page - STMicroelectronics STW82102B Datasheet HTML 17Page - STMicroelectronics STW82102B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
Test conditions
STW82102B
14/67
Doc ID 018516 Rev 2
5
Test conditions
Unless otherwise specified the following test conditions are applied:
●
Vsupply digital = 3.3 V
●
Vsupply analog1 = 3.3 V
●
Vsupply analog2 = 5 V
●
FIF = 150 MHz
●
MIX = 0111
●
T ambient = 27
° C
Refer also to Section 11: Application information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com