Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 31 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 27Page - STMicroelectronics STW82102B Datasheet HTML 28Page - STMicroelectronics STW82102B Datasheet HTML 29Page - STMicroelectronics STW82102B Datasheet HTML 30Page - STMicroelectronics STW82102B Datasheet HTML 31Page - STMicroelectronics STW82102B Datasheet HTML 32Page - STMicroelectronics STW82102B Datasheet HTML 33Page - STMicroelectronics STW82102B Datasheet HTML 34Page - STMicroelectronics STW82102B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
STW82102B
General description
Doc ID 018516 Rev 2
31/67
8.1.12
Mixer and IF amplifier
LO mixer driver
The LO signal is fed through a driver in order to achieve the high power level needed to drive
the passive mixer for maximum performance of linearity and NF.
The LO Mixer Driver is coupled to the mixer with an integrated LO balun. The LO signal level
is adjusted by means of an Automatic Level Control loop (ALC) controlled by the bits
LO_A[1:0].
In low current mode the configuration LO_A[1:0]=’00’ (minimum LO amplitude) should be
selected and the power supply on pin 40 can be set to 3.3 V.
The LO balun resonating frequency can be adjusted by means of the bits CAP[2:0] in order
to match the selected LO frequency.
Mixer
A doubly balanced CMOS passive mixer is internally driven by the high level LO signal in
order to achieve high linearity and low noise performance.
The RF integrated balun permits the removal of external components and it is internally
matched to 50 ohms.
The gate bias of the CMOS devices in the mixer is programmable with 4 bits (MIX[3:0]) to
optimize the input matching and the gain of the signal chain.
Higher values of gate bias (higher decimal values of MIX[3:0]) are suggested to maximize
linearity and lower values to maximize the performance of Gain and NF.
Table 13.
Suggested CAP[2:0] values for LO Frequency range mixer
CAP[2:0]
LO frequency range
000
2100 MHz ÷ 2200 MHz
001
1970 MHz ÷ 2100 MHz
010
1870 MHz ÷ 1970 MHz
011
1770 MHz ÷ 1870 MHz
100
1700 MHz ÷ 1770 MHz
101
1620 MHz ÷ 1700 MHz
110
1550 MHz ÷ 1620 MHz
111
1500 MHz ÷ 1550 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com