Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 15 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 11Page - STMicroelectronics STW82102B Datasheet HTML 12Page - STMicroelectronics STW82102B Datasheet HTML 13Page - STMicroelectronics STW82102B Datasheet HTML 14Page - STMicroelectronics STW82102B Datasheet HTML 15Page - STMicroelectronics STW82102B Datasheet HTML 16Page - STMicroelectronics STW82102B Datasheet HTML 17Page - STMicroelectronics STW82102B Datasheet HTML 18Page - STMicroelectronics STW82102B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
STW82102B
Electrical characteristics
Doc ID 018516 Rev 2
15/67
6
Electrical characteristics
Note:
Vsupply digital = 3.3 V, Vsupply analog1 = 3.3 V, Vsupply analog2 = 5 V, FRF = 1700 MHz,
FLO = 1550 MHz, TA = +25*C, RF power = 0 dBm, unless otherwise specified.
)
Table 6.
Down converter mixer and IF amplifier electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FRF
RF Frequency
-
1425
-
1910 MHz
FLO
LO Frequency
VCOA divided by 2
1500
-
1800 MHz
VCOB divided by 2
1900
-
2200 MHz
FIF
IF Center Frequency(2)
FIF = ABS(FLO-FRF)70
-
400
MHz
CG
Power Conversion Gain
Rin = 50 ohm, Rout = 200 ohm
RFin = 0 dBm
7.5
8
8.5
dB
CGΔT
Power Conversion Gain over
Temperature(3)
T= -40 to +85 °C
-
±0.6
-
dB
IP1dB
Input P1dB
High current Mode
-
13.5
-
dBm
Low current Mode
-
8
-
IIP3
Third-order input intercept
point(4)
High current Mode
25
25.5
-
dBm
Low current Mode
19
19.5
-
IIP3ΔT
IIP3 variation over
temperature(3)
T= -40 to +85 °C
-
±0.5
-
dB
nFRF-nFLO Spurious rejection at IF
(3)
2FRF-2FLO FRFin = -5 dBm,
FIF = 150 MHz
-85
-
dBc
3FRF-3FLO FRFin = -5 dBm,
FIF = 150 MHz
-76
-
dBc
NFSSB
Noise figure
High-current mode, MIX = 0011
-
10.5
11
dB
Low-current mode, MIX = 0011
-
10.5
11
dB
-
LO to IF Leakage
1xLO
-
-35
-
dBm
2xLO
-34
-
LO to RF Leakage
-
-
-27
-
dBm
-
RF to IF Isolation
-
-
45
-
dB
RFRL
RF Return Loss
Matched to 50 ohm
-
20
-
dB
IFRL
IF Return Loss
Matched to 200 ohm
-
25
-
dB
-
Gain Flatness for TX
observation path(5)
Maximum deviation from Fc over ±10
MHz. For any Fc within each TX
observation path band.
-0.05
-
+0.05 dB
Maximum deviation from Fc over ±30
MHz. For any Fc within each TX
observation path band.
-0.10
-
+0.10 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com