Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 65 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 59Page - STMicroelectronics STW82102B Datasheet HTML 60Page - STMicroelectronics STW82102B Datasheet HTML 61Page - STMicroelectronics STW82102B Datasheet HTML 62Page - STMicroelectronics STW82102B Datasheet HTML 63Page - STMicroelectronics STW82102B Datasheet HTML 64Page - STMicroelectronics STW82102B Datasheet HTML 65Page - STMicroelectronics STW82102B Datasheet HTML 66Page - STMicroelectronics STW82102B Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
STW82102B
Revision history
Doc ID 018516 Rev 2
65/67
14
Revision history
Table 25.
Document revision history
Date
Revision
Changes
07-Mar-2011
1
First release
29-Mar-2012
2
Cover page:
– 2FRF-2FLO spurious rejection changed to 85 dBc
– Noise figure NF changed to 10.5 dB
– Removed ‘Preliminary Data’ tags.
Added List of tables and List of figures.
Table 3 moved to new Section 3: Absolute maximum ratings
Section 2.1 becomes Section 3: Absolute maximum ratings
Section 2.2 becomes Section 5: Test conditions
Section 2.3 becomes Section 6: Electrical characteristics
Table 4: Operating conditions updated current consumption:
–ICC3.3V. Updated typical value of diversity slave mode. Added maximum values.
–ICC5V. Added maximum value for high-current mode at 5.5 V. Updated typical
and added maximum value for low-current mode at 3.3 V.
Section 6: Electrical characteristics. Added note about Vsupply, RF frequency
range, ambient temperature and RF power conditions.
Table 6: Down converter mixer and IF amplifier electrical characteristics : updated:
– CG added minimum and max values.
– IIP3 added minimum values
–nFRF-nFLO modified typical values
–NFSSB added maximum value for high-current mode, modified typical value and
added maximum value for low-current mode
– RF to IF isolation typical value modified
–ICCMD low current mode, 3.3 V on pin 41 modified typical value
Table 8: Integer-N synthesizer electrical characteristics updated:
–KVCOA typical values
ΔTLK split into ΔTLK A and ΔTLK B (for VCOA and VCOB). Specified as maximum
values.
–IPLL typical value
– modified table footnote 4
Table 9: Phase noise performance updated values of:
– LOA open-loop phase noise @ 1 kHz, 10 kHz, 1 MHz, 10 MHz and phase noise
floor @ 40 MHz
– LOB open-loop phase noise @ 1 kHz, 10 kHz, 100 kHz, 10 MHz and phase
noise floor @ 40 MHz
Added Section 7: Typical performance characteristics.
Section 8.1.9: Voltage controlled oscillators. Modified sub-sections:
– VCO frequency calibration
– VCO calibration auto-restart feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com