Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 19 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 15Page - STMicroelectronics STW82102B Datasheet HTML 16Page - STMicroelectronics STW82102B Datasheet HTML 17Page - STMicroelectronics STW82102B Datasheet HTML 18Page - STMicroelectronics STW82102B Datasheet HTML 19Page - STMicroelectronics STW82102B Datasheet HTML 20Page - STMicroelectronics STW82102B Datasheet HTML 21Page - STMicroelectronics STW82102B Datasheet HTML 22Page - STMicroelectronics STW82102B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
STW82102B
Electrical characteristics
Doc ID 018516 Rev 2
19/67
Table 9.
Phase noise performance(1)
Parameters
Conditions
Min.
Typ.
Max.
Unit
In band phase noise floor, closed loop(2)
Normalized In Band Phase Noise
Floor (LO)
ICP=4 mA, PLL BW = 50 kHz
(including reference clock
contribution)
--230
-
dBc/Hz
In Band Phase Noise Floor (LO)
-230+20log(N)+10log(FPFD) dBc/Hz
PLL integrated phase noise
Integrated Phase Noise
(single sided)
100 Hz to 40 MHz
FLO=2.050 GHz, FSTEP=200 kHz,
ICP=3 mA, PLL BW = 25 kHz
--45.3
-
dBc
-
0.44
-
° rms
LOA (1500 MHz to 1800 MHz) – open loop
Phase Noise @ 1 kHz
-
-
-69
-
dBc/Hz
Phase Noise @ 10 kHz
-
-
-96
-
dBc/Hz
Phase Noise @ 100 kHz
-
-
-118
-
dBc/Hz
Phase Noise @ 1 MHz
-
-
-139
-
dBc/Hz
Phase Noise @ 10 MHz
-
-
-153
-
dBc/Hz
Phase Noise Floor @ 40 MHz
-
-
-156
-
dBc/Hz
LOB (1900 MHz to 2200 MHz) – open loop
Phase Noise @ 1 kHz
-
-
-64
-
dBc/Hz
Phase Noise @ 10 kHz
-
-
-91
-
dBc/Hz
Phase Noise @ 100 kHz
-
-
-115
-
dBc/Hz
Phase Noise @ 1 MHz
-
-
-136
-
dBc/Hz
Phase Noise @ 10 MHz
-
-
-152
-
dBc/Hz
Phase Noise Floor @ 40 MHz
-
-
-156
-
dBc/Hz
1.
Phase Noise SSB. VCO amplitude set to maximum value [11]. All the closed-loop performances are specified using a
Reference Clock signal at 76.8 MHz with phase noise of -144 dBc/Hz @1 kHz offset, -157 dBc/Hz @10 kHz offset and
-168 dBc/Hz of noise floor.
2.
Normalized PN = Measured LO PN – 20log(N) – 10log(FPFD) where N is the VCO divider ratio (N=B*P+A) and FPFD is the
comparison frequency at the PFD input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com