Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 16 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 12Page - STMicroelectronics STW82102B Datasheet HTML 13Page - STMicroelectronics STW82102B Datasheet HTML 14Page - STMicroelectronics STW82102B Datasheet HTML 15Page - STMicroelectronics STW82102B Datasheet HTML 16Page - STMicroelectronics STW82102B Datasheet HTML 17Page - STMicroelectronics STW82102B Datasheet HTML 18Page - STMicroelectronics STW82102B Datasheet HTML 19Page - STMicroelectronics STW82102B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
Electrical characteristics
STW82102B
16/67
Doc ID 018516 Rev 2
-
Phase Flatness for TX
observation path(5)
Maximum deviation from linear phase
at Fc over ±10 MHz. For any Fc within
each TX observation path band.
-0.3
-
+0.3
deg
Maximum deviation from linear phase
at Fc over ±30 MHz. For any Fc within
each TX observation path band.
-0.7
-
+0.7
deg
-
Gain Flatness for RX path(5)
Maximum ripple over a 4 MHz band.
For any Fc within each RX path band.
--
0.1
dB
pk-pk
-
Phase Flatness for RX path(5)
Maximum ripple over a 4 MHz band.
For any Fc within each RX path band.
--
0.6
deg
pk-pk
ICCMD
Mixer Driver Current
Consumption
3.3 V Supply (pin 41, 42)
-
48
-
mA
5 V Supply (pin 40)
-
50
-
mA
Mixer Driver Current
Consumption (Low Current
Mode)
3.3 V Supply (pin 41, 42)
-
20
-
mA
3.3 V Supply (pin 40)
-
35
-
mA
ICCIFAM
IFAMP Current Consumption
3.3 V Supply (pin 33)
-
10
-
mA
5 V Supply (pin 31, 32)
-
107
-
mA
IFAMP Current Consumption
(Low Current Mode)
3.3 V Supply (pin 33)
-
6
-
mA
3.3 V Supply (pin 31, 32)
-
55
-
mA
1.
All linearity and NF performances are intended at maximum LO amplitude (LO_A[1:0]=[11]), tuning capacitors (CAP[2:0])
programmed according to the selected frequency, mixer bias (MIX[3:0]) set to maximize performance and the device
operated in high current mode. The performances of conversion gain, NF and linearity are intended at the SMA connectors
of a typical application board.
2.
The IF frequency range supported by the IF Amplifier is from 70 to 400 MHz. The exact IF frequency range supported for a
specific RF frequency can be calculated as FIF = ABS(FLO-FRF) where FLO is inside the specified LO frequency range.
3.
Guaranteed by design and characterization
4.
RFin = 0 dBm/tone, RF tone spacing = 5 MHz
5.
Guaranteed by design
Table 6.
Down converter mixer and IF amplifier electrical characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 7.
Pin diode attenuator driver (dual output current DAC) electrical characteristics
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
R
Resolution
-
-
10
-
Bit
DNL
Differential non linearity
-
-0.05
-
0.05
LSB
INL
Integral non linearity
-
-0.45
-
0.45
LSB
IFS
Full Scale current (1)
-0.28
-
2.8
mA
-
Current Mismatch
-
-
-
2
%
-
Output voltage compliance
range
-0
-
3
V
VREXT_DAC
Voltage Reference
-
-
1.19
V
REXT_DAC
REXT DAC Range
-
10
-
100
k
Ω
Iccstatic
Static current consumption
(Iout = 0 mA; pin 1)
-
2.5
-
mA
1.
See relationship between IDAC and REXT_DAC in the Circuit Description section (Dual Output Current DAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com