Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 27 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 23Page - STMicroelectronics STW82102B Datasheet HTML 24Page - STMicroelectronics STW82102B Datasheet HTML 25Page - STMicroelectronics STW82102B Datasheet HTML 26Page - STMicroelectronics STW82102B Datasheet HTML 27Page - STMicroelectronics STW82102B Datasheet HTML 28Page - STMicroelectronics STW82102B Datasheet HTML 29Page - STMicroelectronics STW82102B Datasheet HTML 30Page - STMicroelectronics STW82102B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
STW82102B
General description
Doc ID 018516 Rev 2
27/67
Figure 12.
Loop filter connection
8.1.9
Voltage controlled oscillators
VCO selection
Within the STW82102B two low-noise VCOs are integrated to cover a wide band from
1500 MHz to 1800 MHz, and from 1900 MHz to 2200 MHz after the division by 2:
●
VCO A frequency range is 3000 MHz to 3600 MHz
●
VCO B frequency range is 3800 MHz to 4400 MHz
VCO frequency calibration
Both VCOs can operate on 32 frequency ranges that are selected by adding or subtracting
capacitors to the resonator. These frequency ranges are intended to cover the wide band of
operation and compensate for process variations on the VCO center frequency.
An automatic range selection is performed when the bit SERCAL rises from ‘0’ to ‘1’ . The
charge pump is inhibited and the pins ICP and VCTRL are set at a fixed calibration voltage
(VCAL). The frequency ranges are then tested to select the nearest one to the desired
output frequency (F
OUT= N*Fref/R) with VCAL input voltage applied. After this selection, the
charge pump is once again enabled and the PLL performs a fine adjustment around VCAL
on the loop filter voltage to lock FOUT, thus enabling a fast settling time.
Two calibration algorithms are selectable by setting the CALTYPE bit.
Setting the CALTYPE bit to ‘1’ guarantees the PLL lock versus temperature variations. Once
programmed at the initial temperature, T0, within the operating temperature range (-40 °C to
+85 °C), the synthesizer is able to maintain the lock status if the temperature drift (in either
direction) is within the limit specified by
ΔTLK, and provided that the final temperature, T
1, is
still inside the nominal range.
Setting the CALTYPE bit to ‘0’ fixes VCAL to the mid point of the charge pump output
(VDD/2). Optimum PLL phase noise performance versus temperature variations with a
reduced
ΔTLK is guaranteed in this case.
The
ΔTLK parameter, specific to each VCO and calibration type, in the STW82102B is
specified in Table 8: Integer-N synthesizer electrical characteristics.
VDD
Buffer
Buffer
VCTRL
C3
C2
C1
R3
R1
Cal bit
Charge
pump
ICP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com