Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 43 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 39Page - STMicroelectronics STW82102B Datasheet HTML 40Page - STMicroelectronics STW82102B Datasheet HTML 41Page - STMicroelectronics STW82102B Datasheet HTML 42Page - STMicroelectronics STW82102B Datasheet HTML 43Page - STMicroelectronics STW82102B Datasheet HTML 44Page - STMicroelectronics STW82102B Datasheet HTML 45Page - STMicroelectronics STW82102B Datasheet HTML 46Page - STMicroelectronics STW82102B Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
STW82102B
I2C bus interface
Doc ID 018516 Rev 2
43/67
MIXER_CONTROL
Mixer control register
Address:
0x07
Type:
W
Reset:
0x00
Description:
Least significant bits of DAC control word and mixer control bit fields
IFAMP_ LO_CONTROL
IF amplifier LO control register
Address:
0x08
Type:
W
Reset:
0x00
7
654
3210
WW
W
W
[7:6] DAC[1:0]: DAC input word for DAC current control (bits DAC[9:2] in the DAC_CONTROL
register)
[5:2] MIX[3:0]: Mixer bias control value
[1] PD_DAC: DAC power down
[0] CAL_AUTOSTART_EN: VCO calibration auto-restart enable (’1’ active), permits to
automatically restart the VCO calibration procedure in case of PLL unlock
7
654
3210
IFAMP[1:0]
CAP[2:0]
LO_A[1:0]
LPMUX_EN
WWW
W
[7:6] IFAMP[1:0]: power consumption/linearity control
[5:3] CAP[2:0]: Tuning capacitors control
[2:1] LO_A[1:0]: LO amplitude control
[0] LPMUX_EN: for test purpose only (low power mode for MUX); must be set to ’0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com