Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 26 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 22Page - STMicroelectronics STW82102B Datasheet HTML 23Page - STMicroelectronics STW82102B Datasheet HTML 24Page - STMicroelectronics STW82102B Datasheet HTML 25Page - STMicroelectronics STW82102B Datasheet HTML 26Page - STMicroelectronics STW82102B Datasheet HTML 27Page - STMicroelectronics STW82102B Datasheet HTML 28Page - STMicroelectronics STW82102B Datasheet HTML 29Page - STMicroelectronics STW82102B Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
General description
STW82102B
26/67
Doc ID 018516 Rev 2
8.1.6
Lock detect
This signal indicates that the difference between rising edges of both UP and DOWN PFD
signals is found to be shorter than the fixed delay (roughly 5 ns). The Lock Detect signal is
high when the PLL is locked. The Lock Detector consumes current only during PLL
transients.
8.1.7
Mute until lock
This (software controlled) function shuts down the following elements until the PLL achieves
the lock status:
RF output stage
LO output buffer
mixer
IF amplifier circuitry
Under this setting there is no signal at the IF output stage or the LO output during a
frequency jump.
8.1.8
Charge pump
This block drives two matched current sources, Iup and Idown, which are controlled
respectively by the UP and DOWN PFD outputs. The nominal value of the output current is
controlled by an external resistor (to be connected to the REXT input pin) and the selection
of one of 8 possible values by a 3-bit word.
The minimum value of the output current is: IMIN = 2*VBG/REXT_CP (VBG~1.17 V)
Note:
The current is output on pin ICP. During the VCO auto calibration, ICP and VCTRL pins are
forced to VDD/2.
Table 10.
Current values for CPSEL[2:0] selection
CPSEL2
CPSEL1
CPSEL0
Current
Value for REXT=4.7 k
Ω
000
IMIN
0.5 mA
001
2*IMIN
1.00 mA
010
3*IMIN
1.50 mA
011
4*IMIN
2.00 mA
100
5*IMIN
2.50 mA
101
6*IMIN
3.00 mA
110
7*IMIN
3.50 mA
111
8*IMIN
4.00 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com