Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82102B Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW82102B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82102B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW82102B Datasheet HTML 28Page - STMicroelectronics STW82102B Datasheet HTML 29Page - STMicroelectronics STW82102B Datasheet HTML 30Page - STMicroelectronics STW82102B Datasheet HTML 31Page - STMicroelectronics STW82102B Datasheet HTML 32Page - STMicroelectronics STW82102B Datasheet HTML 33Page - STMicroelectronics STW82102B Datasheet HTML 34Page - STMicroelectronics STW82102B Datasheet HTML 35Page - STMicroelectronics STW82102B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
General description
STW82102B
32/67
Doc ID 018516 Rev 2
IF amplifier
The integrated IF stage permits a 200-ohm load to be driven (typically a SAW filter) ensuring
high linearity.
It is an open collector stage (pin 31, 32) and should be biased to 5 V with choke inductors.
The typical output impedance is 200 ohms. The linearity performances are controlled by the
bits IFAMP[1:0]. In low current mode the configuration IFAMP[1:0]=’00’ (minimum linearity)
should be selected and the open collector stage can be biased to 3.3 V with choke
inductors.
8.1.13
Dual output current DAC
The STW82102B embeds a 10-bit Dual Output steering current DAC especially suited to
drive an external PIN diode attenuator. This provides power level calibration capability at the
RF input for the TX observation path applications.
The current sourced by the DAC is related to the REXT_DAC resistor according to the
following formulae (where VREXT_DAC is approximately 1.19 V):
With a 10 k
Ω REXT_DAC the FS current is approximately 2.8 mA.
Table 14.
Linearity performance against IFAMP[1:0] configuration (typical
condition)
IFAMP[1:0]
Linearity performance
00
19.5 dB
01
21.5 dB
10
23.5 dB
11
25.5dB
IDAC
LSB
1
2
---
3VR
EXT_DAC
×
R
EXT_DAC
----------------------------------------
1
64
------
×
×
=
LSB DAC current
IDAC
FS
1
2
---
3VR
EXT_DAC
×
R
EXT_DAC
----------------------------------------
1023
64
-------------
×
×
=
Full scale current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com