Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 102 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 102 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 106Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
102
Figure 47 4-Wire Readback (Open Drain)
POWER MANAGEMENT
The WM8945 has two control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To minimise pop or click noise,
it is important to enable or disable these functions in the correct order, and to use the signal mute
registers as part of a carefully structured control sequence. Refer to the “Recommended Power
Up/Down Sequence” section for more details.
The power management control registers are described in Table 68.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
management
1
12
INPPGAL_ENA
0
Left Input PGA Enable
0 = Disabled
1 = Enabled
10
ADCL_ENA
0
Left ADC and Record filter Enable
0 = Disabled
1 = Enabled
ADCL_ENA must be set to 1 when
processing left channel data from
the ADC or Digital Microphone.
4
MICB_ENA
0
Microphone Bias Enable
0 = Disabled
1 = Enabled
3
BIAS_ENA
0
Master Bias Enable
0 = Disabled
1 = Enabled
R3 (03h)
Power
management
2
14
OUTL_ENA
0
LINEOUTL enable
0 = Disabled
1 = Enabled
13
SPKR_PGA_
ENA
0
Speaker Right PGA enable
0 = Disabled
1 = Enabled
12
SPKL_PGA_
ENA
0
Speaker Left PGA enable
0 = Disabled
1 = Enabled
11
SPKR_SPKVDD
_ENA
0
SPKOUTR enable
0 = Disabled
1 = Enabled
Note that SPKOUTR is also
controlled by SPKR_OP_ENA.
When powering down SPKOUTR,
the SPKR_SPKVDD_ENA bit
should be reset first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com