Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
103
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10
SPKL_SPKVDD
_ENA
0
SPKOUTL enable
0 = Disabled
1 = Enabled
Note that SPKOUTL is also
controlled by SPKL_OP_ENA.
When powering down SPKOUTL,
the SPKL_SPKVDD_ENA bit should
be reset first
7
SPKR_OP_ENA
0
SPKOUTR enable
0 = Disabled
1 = Enabled
Note that SPKOUTR is also
controlled by
SPKR_SPKVDD_ENA. When
powering up SPKOUTR, the
SPKR_OP_ENA bit should be
enabled first.
6
SPKL_OP_ENA
0
SPKOUTL enable
0 = Disabled
1 = Enabled
Note that SPKOUTL is also
controlled by SPKL_SPKVDD_ENA.
When powering up SPKOUTL, the
SPKL_OP_ENA bit should be
enabled first
3
SPKR_MIX_
ENA
0
Right speaker output mixer enable
0 = Disabled
1 = Enabled
2
SPKL_MIX_ENA
0
Left speaker output mixer enable
0 = Disabled
1 = Enabled
1
DACR_ENA
0
Right DAC Enable
0 = Disabled
1 = Enabled
DACR_ENA must be set to 1 when
processing right channel data from
the DAC or Digital Beep Generator.
0
DACL_ENA
0
Left DAC Enable
0 = Disabled
1 = Enabled
DACR_ENA must be set to 1 when
processing left channel data from
the DAC or Digital Beep Generator.
Table 68 Power Management Control
THERMAL SHUTDOWN
The WM8945 incorporates a temperature sensor which detects when the device temperature is within
normal limits. The temperature status can be read at any time from the TEMP_STS bit, as described
in Table 69. This bit can be polled at any time, or may output directly on a GPIO pin, or may be used
to generate Interrupt events.
The temperature sensor can be configured to shut down the speaker outputs in the event of an
overtemperature condition. This is configured using the THERR_ACT register field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com