Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 107 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 107 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 111Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
107
Power Down:
ACTION
LABEL
REGISTER[BITS]
Mute speaker PGA and DAC
SPKR_PGA_ENA = 1
SPKL_PGA_ENA = 1
SPKR_VOL = 00h
SPKL_VOL = 00h
DACR_MUTE = 1
DACL_MUTE = 1
DACR_VOL = 0
DACL_VOL = 0
R3 (03h) [13]
R3 (03h) [12]
R47 (2Fh) [5:0]
R48 (30h) [5:0]
R24 (18h) [8]
R23 (17h) [8]
R24 (18h) [7:0]
R23 (17h) [7:0]
Select LDO for fast start-up
LDO_REF_SEL_FAST = 1
LDO_BIAS_SRC = 1
R53 (35h) [14]
R53 (35h) [5]
Select VMID for fast start-up
VMID_SEL = 11
VMID_FAST_START =1
BIAS_SRC = 1
VMID_RAMP = 01
R2 (02h) [1:0]
R7 (07h) [11]
R7 (07h) [7]
R7 (07h) [6:5]
Disabled VMID
Delay 500ms for VMID to discharge
VMID_ENA = 0
R7 (07h) [4]
Discharge outputs
Delay 50ms for outputs to discharge
SPKR_DISCH = 1
SPKL_DISCH = 1
LINEL_DISCH = 1
R42 (2Ah) [7]
R42 (2Ah) [6]
R42 (2Ah) [4]
Mute outputs
LINEL_MUTE = 1
SPKR_OP_MUTE = 1
SPKL_OP_MUTE = 1
R42 (2Ah) [8]
R03 (03h) [9]
R03 (03h) [8]
Disable power to speaker driver (must be
done before disabling the speaker
outputs)
SPKR_SPKVDD_ENA = 1
SPKL_SPKVDD_ENA = 1
R3 (03h) [11]
R3 (03h) [10]
Disable speaker outputs
SPKR_OP_ENA = 1
SPKL_OP_ENA = 1
R3 (03h) [7]
R3 (03h) [6]
Reset
SW_RESET
R0 (00h) [15:0]
Turn off external power supply voltages
SOFTWARE RESET AND DEVICE ID
The WM8945 can be reset by writing to Register R0. This is a read-only register, and the contents of
R0 will not be affected by writing to this Register.
The Device ID can be read back from Register R0. The Chip Revision ID can be read back from
Register 1, as described in Table 71.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Software
Reset/Chip
ID 1
15:0
SW_RESET
[15:0]
6229h
Writing to this register resets all registers
to their default state.
Reading from this register will indicate
device family ID 6229h.
R1 (01h)
Revision
Number
3:0
CHIP_REV [3:0]
Reading from this register will indicate
the Revision ID.
Table 71 Chip Reset and ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com