Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 110 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 110 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 114Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
110
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R49 (31h) Line L mixer control 1
0
0
0
0
0
0
0
0
0
BYPL_
TO_O
UTL
MDAC
L_TO_
OUTL
0
DACL_
TO_O
UTL
0
AUX2_
TO_O
UTL
AUX1_
TO_O
UTL
0000h
R51 (33h) Line L mixer control 2
0
0
0
0
0
0
0
0
0
BYPL_
TO_O
UTL_A
TTEN
0
0
DACL_
TO_O
UTL_A
TTEN
0
AUX2_
TO_O
UTL_A
TTEN
AUX1_
TO_O
UTL_A
TTEN
0000h
R53 (35h) LDO
LDO_E
NA
LDO_
REF_S
EL_FA
ST
LDO_
REF_S
EL
LDO_
OPFLT
0
0
0
0
0
0
LDO_B
IAS_S
RC
LDO_VSEL[4:0]
0007h
R54 (36h) Bandgap
BG_E
NA
0
0
0
0
0
0
0
0
0
0
BG_VSEL[4:0]
000Ah
R55 (37h) Touch Control 1
TCH_E
NA
TCH_
CVT_E
NA
0
0
0
TCH_Z
_ENA
TCH_Y
_ENA
TCH_X
_ENA
TCH_DELAY[2:0]
TCH_RATE[4:0]
0000h
R56 (38h) Touch Control 2
0
0
0
0
TCH_P
DONL
Y
0
0
TCH_I
SEL
0
0
0
0
TCH_RPU[3:0]
0007h
R57 (39h) Touch Data X
TCH_P
D1
0
0
0
TCH_X[11:0]
0000h
R58 (3Ah) Touch Data Y
TCH_P
D2
0
0
0
TCH_Y[11:0]
0000h
R59 (3Bh) Touch Data Z
TCH_P
D3
0
0
0
TCH_Z[11:0]
0000h
R60 (3Ch) AuxADC Data
0
0
AUX_DATA_S
RC[1:0]
AUX_DATA[11:0]
0000h
R61 (3Dh) AuxADC Control
AUX_E
NA
AUX_
CVT_E
NA
0
0
0
0
0
0
0
0
0
AUX_RATE[4:0]
0000h
R62 (3Eh) AuxADC Source
0
0
0
0
0
0
0
AUX_B
ATT_S
EL
0
0
0
0
0
0
AUX_A
UX2_S
EL
AUX_A
UX1_S
EL
0000h
R63 (3Fh) AuxADC Config
0
0
0
0
0
0
AUX_A
UX1_F
ILTB
AUX_B
ATT_S
CALE
0
0
0
0
0
0
AUX_A
UX2_R
EF
AUX_A
UX1_R
EF
0100h
R64 (40h) SE Config Selection
0
0
0
0
0
0
0
0
0
0
0
0
SE_CONFIG[3:0]
0000h
R65 (41h) SE1_LHPF_CONFIG
0
0
0
0
0
0
0
0
0
0
0
SE1_L
HPF_L
_SIGN
0
0
0
SE1_L
HPF_L
_ENA
0000h
R66 (42h) SE1_LHPF_L
SE1_LHPF_L[15:0]
0000h
R71 (47h) SE1_NOTCH_CONFI
G
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SE1_N
OTCH
_L_EN
A
0000h
R72 (48h) SE1_NOTCH_A10
SE1_NOTCH_A10[15:0]
0000h
R73 (49h) SE1_NOTCH_A11
SE1_NOTCH_A11[15:0]
0000h
R74 (4Ah) SE1_NOTCH_A20
SE1_NOTCH_A20[15:0]
0000h
R75 (4Bh) SE1_NOTCH_A21
SE1_NOTCH_A21[15:0]
0000h
R76 (4Ch) SE1_NOTCH_A30
SE1_NOTCH_A30[15:0]
0000h
R77 (4Dh) SE1_NOTCH_A31
SE1_NOTCH_A31[15:0]
0000h
R78 (4Eh) SE1_NOTCH_A40
SE1_NOTCH_A40[15:0]
0000h
R79 (4Fh) SE1_NOTCH_A41
SE1_NOTCH_A41[15:0]
0000h
R80 (50h) SE1_NOTCH_A50
SE1_NOTCH_A50[15:0]
0000h
R81 (51h) SE1_NOTCH_A51
SE1_NOTCH_A51[15:0]
0000h
R82 (52h) SE1_NOTCH_M10
SE1_NOTCH_M10[15:0]
0000h
R83 (53h) SE1_NOTCH_M11
SE1_NOTCH_M11[15:0]
1000h
R84 (54h) SE1_NOTCH_M20
SE1_NOTCH_M20[15:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com