Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 145 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 145 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 149Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
145
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R81 (51h)
SE1_NOTC
H_A51
15:0
SE1_NOTCH_
A51[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 51h
SE1_NOTCH_A51
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R82 (52h)
SE1_NOTC
H_M10
15:0
SE1_NOTCH_
M10[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 52h
SE1_NOTCH_M10
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R83 (53h)
SE1_NOTC
H_M11
15:0
SE1_NOTCH_
M11[15:0]
0001_0000_00
00_0000
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 53h
SE1_NOTCH_M11
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R84 (54h)
SE1_NOTC
H_M20
15:0
SE1_NOTCH_
M20[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 54h
SE1_NOTCH_M20
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R85 (55h)
SE1_NOTC
H_M21
15:0
SE1_NOTCH_
M21[15:0]
0001_0000_00
00_0000
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 55h
SE1_NOTCH_M21
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R86 (56h)
SE1_NOTC
H_M30
15:0
SE1_NOTCH_
M30[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 56h
SE1_NOTCH_M30
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R87 (57h)
SE1_NOTC
H_M31
15:0
SE1_NOTCH_
M31[15:0]
0001_0000_00
00_0000
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 57h
SE1_NOTCH_M31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com