Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 149 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 149 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 153Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
149
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R112 (70h)
SE2_RETU
NE_C11
15:0
SE2_RETUNE
_C11[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 70h
SE2_RETUNE_C11
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R113 (71h)
SE2_RETU
NE_C12
15:0
SE2_RETUNE
_C12[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 71h
SE2_RETUNE_C12
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R114 (72h)
SE2_RETU
NE_C13
15:0
SE2_RETUNE
_C13[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 72h
SE2_RETUNE_C13
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R115 (73h)
SE2_RETU
NE_C14
15:0
SE2_RETUNE
_C14[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 73h
SE2_RETUNE_C14
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R116 (74h)
SE2_RETU
NE_C15
15:0
SE2_RETUNE
_C15[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 74h
SE2_RETUNE_C15
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R117 (75h)
SE2_RETU
NE_C16
15:0
SE2_RETUNE
_C16[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 75h
SE2_RETUNE_C16
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R118 (76h)
SE2_RETU
NE_C17
15:0
SE2_RETUNE
_C17[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 76h
SE2_RETUNE_C17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com