Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 151 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 151 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 155Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
151
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R126 (7Eh)
SE2_RETU
NE_C25
15:0
SE2_RETUNE
_C25[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 7Eh
SE2_RETUNE_C25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R127 (7Fh)
SE2_RETU
NE_C26
15:0
SE2_RETUNE
_C26[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 7Fh
SE2_RETUNE_C26
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R128 (80h)
SE2_RETU
NE_C27
15:0
SE2_RETUNE
_C27[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 80h
SE2_RETUNE_C27
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R129 (81h)
SE2_RETU
NE_C28
15:0
SE2_RETUNE
_C28[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 81h
SE2_RETUNE_C28
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R130 (82h)
SE2_RETU
NE_C29
15:0
SE2_RETUNE
_C29[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 82h
SE2_RETUNE_C29
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R131 (83h)
SE2_RETU
NE_C30
15:0
SE2_RETUNE
_C30[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 83h
SE2_RETUNE_C30
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R132 (84h)
SE2_RETU
NE_C31
15:0
SE2_RETUNE
_C31[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 84h
SE2_RETUNE_C31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com