Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
42
When DC blocking capacitors are used, then their capacitance and the load resistance together
determine the lower cut-off frequency, fc. Increasing the capacitance lowers fc, improving the bass
response. Smaller capacitance values will diminish the bass response. Assuming a 32
 load and C1,
C2 = 100
F:
fc = 1 / 2 RLC1 = 1 / (2 x 32 x 100F) = 50 Hz
In the DC coupled configuration, the headphone “ground” is connected to the OUT3 pin, which must
be enabled by setting OUT3 = 1 and muted by setting L2MO=0 and R2MO=0. As the OUT3 pin
produces a DC voltage of AVDD/2 (=VREF), there is no DC offset between HP_L/HP_R and OUT3,
and therefore no DC blocking capacitors are required. This saves space and material cost in portable
applications.
It is recommended to connect the DC coupled headphone outputs only to headphones, and not to the
line input of another device. Although the built-in short circuit protection will prevent any damage to
the headphone outputs, such a connection may be noisy, and may not function properly if the other
device is grounded.
CLASS D SPEAKER OUTPUTS
The class D speaker outputs SPK_LN/SPK_LP and SPK_RN/SPK_RP can drive 1W into 8
 BTL
speakers. Class D outputs reduce power consumption and maximise efficiency by reducing power
dissipated in the output drivers, delivering most of the power directly to the load. This is achieved by
pulse width modulation (PWM) of a high frequency square wave, allowing the audio signal level to be
set by controlling the pulse width. The frequency of the output waveform is controlled by DCLKDIV,
and is derived from SYSCLK.
When the speakers are close to the device (typically less than about 100mm), the internal filtering
effects of the speaker can be used. Where signals are routed over longer distances, it is
recommended to use additional passive filtering, positioned close to the WM8960, to reduce EMI. See
"Applications Information" for more information on EMI reduction.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Clocking (2)
8:6
DCLKDIV
111
Controls clock division from
SYSCLK to generate suitable class
D clock.
000 = SYSCLK / 1.5
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
R49 (31h)
Class D
Control (1)
7:6
SPK_OP_EN
[1:0]
00
Enable Class D Speaker Outputs
00 = Off
01 = Left speaker only
10 = Right speaker only
11 = Left and right speakers enabled
Table 28 Class D Control Registers
The class D outputs require a PWM switching clock, which is derived from SYSCLK. This clock
should not be altered or disabled while the class D outputs are enabled.
See "Clocking and Sample Rates" for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com